Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1755 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1755
Description  The purpose of this document is to describe the design of the application
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1755 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1755 Datasheet HTML 9Page - STMicroelectronics UM1755 Datasheet HTML 10Page - STMicroelectronics UM1755 Datasheet HTML 11Page - STMicroelectronics UM1755 Datasheet HTML 12Page - STMicroelectronics UM1755 Datasheet HTML 13Page - STMicroelectronics UM1755 Datasheet HTML 14Page - STMicroelectronics UM1755 Datasheet HTML 15Page - STMicroelectronics UM1755 Datasheet HTML 16Page - STMicroelectronics UM1755 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 123 page
background image
DocID026257 Rev 2
13/123
UM1755
Standard HCI commands
123
3.2
Supported HCI events
The table below lists the HCI events supported by the BlueNRG.
29
HCI_LE_Set_Host_Channel_Classification
0x08
0x14
0x2014
30
HCI_LE_Read_Channel_Map
0x08
0x15
0x2015
31
HCI_LE_Read_Remote_Used_Features
0x08
0x16
0x2016
32
HCI_LE_Encrypt
0x08
0x17
0x2017
33
HCI_LE_Rand
0x08
0x18
0x2018
34
HCI_LE_Start_Encryption
0x08
0x19
0x2019
35
HCI_LE_Long_Term_Key_Request_Reply
0x08
0x1A
0x201A
36
HCI_LE_Long_Term_Key_Requested_Negative_Reply
0x08
0x1B
0x201B
37
HCI_LE_Read_Supported_States
0x08
0x1C
0x201C
38
HCI_LE_Receiver_Test
0x08
0x1D
0x201D
39
HCI_LE_Transmitter_Test
0x08
0x1E
0x201E
40
HCI_LE_Test_End
0x08
0x1F
0x201F
Table 2. HCI commands (continued)
Item
Command
OGF
OCF
OpCode
Table 3. HCI events
Item
Event
Event code
Sub event code
1
Disconnect_Complete
0x05
-
2
Encryption_Change_Event
0x08
-
3
Read_Remote_Version_Information_Complete
0x0C
-
4
Command_Complete_Event
0x0E
-
5
Command_Status_Event
0x0F
-
6
Hardware_Error_Event
0x10
-
7
Number_Of_Completed_Packets
0x13
-
8
Encryption_Key_Refresh_Complete
0x30
-
9
LE_Connection_Complete
0x3E
0x01
10
LE_Advertising_Report
0x3E
0x02
11
LE_Connection_Update_Complete
0x3E
0x03
12
LE_Read_Remote_Used_Features_Complete
0x3E
0x04
13
LE_Long_Term_Key_Request_Event
0x3E
0x05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com