Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1755 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1755
Description  The purpose of this document is to describe the design of the application
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1755 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1755 Datasheet HTML 19Page - STMicroelectronics UM1755 Datasheet HTML 20Page - STMicroelectronics UM1755 Datasheet HTML 21Page - STMicroelectronics UM1755 Datasheet HTML 22Page - STMicroelectronics UM1755 Datasheet HTML 23Page - STMicroelectronics UM1755 Datasheet HTML 24Page - STMicroelectronics UM1755 Datasheet HTML 25Page - STMicroelectronics UM1755 Datasheet HTML 26Page - STMicroelectronics UM1755 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 123 page
background image
DocID026257 Rev 2
23/123
UM1755
Vendor specific commands
123
To allow a fast connection, the host can set Local_Name, Service_Uuid_List,
Slave_Conn_Interval_Min and Slave_Conn_Interval_Max. These parameters are optional
in this command. These values can be set in advertised data using GAP_Update_Adv_Data
command separately.
Table 21. Aci_gap_set_limited_discoverable command parameters
Parameter
Size
Description
Advertising_Event_Type
1 byte
0x00: Connectable undirected advertising (default)
0x02: Scannable undirected advertising
0x03: Non connectable undirected advertising
Address_Type
1 byte
0x00: Public device address (default)
0x01: Random device address
Adv_Filter_Policy
1 byte
0x00: Allow scan request from any, allow connect
request from any (default).
0x01: Allow scan request from white list only, allow
connect request from Any.
0x02: Allow scan request from any, allow connect
request from white list only.
0x03: Allow scan request from white list only, allow
connect request from white list only.
Local_Name_Length
1 byte
Length of the local name string in octets.
If length is set to 0x00, Local_Name parameter should
not be used.
Local_Name
0-N bytes
Local name of the device. This is an ASCII string
without NULL character.
Service_UUID_Length
1 byte
Length of the service UUID list in octets. If there is no
service to be advertised, set this field to 0x00.
Service_UUID_List
0-N bytes
This is the list of the UUID’s AD types as defined in
Volume 3, Section 11.1.1 of GAP Specification
Slave_Conn_Interval_Min
2 bytes
Slave connection internal minimum value.
Connection interval is defined in the following manner:
connIntervalmin = Slave_Conn_Interval_Min * 1.25 ms
Slave_Conn_Interval_Min range: 0x0006 to 0x0C80
Value of 0xFFFF indicates no specific minimum.
Slave_Conn_Interval_Max
2 bytes
Slave connection internal maximum value.
ConnIntervalmax = Slave_Conn_Interval_Max * 1.25
ms
Slave_Conn_Interval_Max range: 0x0006 to 0x0C80
Slave_ Conn_Interval_Max shall be equal to or greater
than the Slave_Conn_Interval_Min.
Value of 0xFFFF indicates no specific maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com