Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1755 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM1755
Description  The purpose of this document is to describe the design of the application
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1755 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM1755 Datasheet HTML 45Page - STMicroelectronics UM1755 Datasheet HTML 46Page - STMicroelectronics UM1755 Datasheet HTML 47Page - STMicroelectronics UM1755 Datasheet HTML 48Page - STMicroelectronics UM1755 Datasheet HTML 49Page - STMicroelectronics UM1755 Datasheet HTML 50Page - STMicroelectronics UM1755 Datasheet HTML 51Page - STMicroelectronics UM1755 Datasheet HTML 52Page - STMicroelectronics UM1755 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 123 page
background image
DocID026257 Rev 2
49/123
UM1755
Vendor specific commands
123
0x10. The procedure is terminated when a connection is established or the upper layer
terminates the procedure by issuing the command Aci_Gap_Terminate_Gap_Procedure
with the procedure code set to 0x10.
4.3.29
Aci_Gap_Start_Selective_Conn_Establishment
Description:
Start a selective connection establishment procedure. The GAP adds the specified device
addresses into white list and enables scanning in the controller with the scanner filter policy
set to “accept packets only from devices in whitelist”. All the devices found are sent to the
upper layer by the event Evt_Blue_Gap_Found_Device. The upper layer then has to select
one of the devices to which it wants to connect by issuing the command
Aci_Gap_Create_Connection.
Table 91. Aci_Gap_Start_Selective_Conn_Establishment
Command name
Parameters
Return
Aci_Gap_Start_Selective_Conn_Establishment
(0xFC9B)
Scan_Type
Scan_Interval
Scan_Window
Own_Address_Type
filterDuplicates
Num_WhiteList_Entries
Addr_Array
Status
Table 92. Aci_Gap_Start_Selective_Conn_Establishment command parameters
Parameter
Size
Description
Scan_Type
1 byte
0x00: Passive scanning
0x01: Active scanning
Scan_Interval
2 bytes
Time interval from when the controller started its last LE scan
until it begins the subsequent LE scan. The scan interval should
be a number in the range 0x0004 to 0x4000. This corresponds to
a time range 2.5 msec to 10240 msec. For a number N, Time = N
* 0.625 msec.
Scan_Window
2 bytes
Amount of time for the duration of the LE scan. Scan_Window
shall be less than or equal to Scan_Interval. The scan window
should be a number in the range 0x0004 to 0x4000. This
corresponds to a time range 2.5 msec to 10240 msec. For a
number N, Time = N * 0.625 msec.
Own_Address_Typ
e
1 byte
0x00: Public device address (default)
0x01: Random device address
filterDuplicates
1 byte
0x00: Do not filter the duplicates (default)
0x01: Filter duplicates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com