Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4617 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4617 Datasheet HTML 9Page - STMicroelectronics AN4617 Datasheet HTML 10Page - STMicroelectronics AN4617 Datasheet HTML 11Page - STMicroelectronics AN4617 Datasheet HTML 12Page - STMicroelectronics AN4617 Datasheet HTML 13Page - STMicroelectronics AN4617 Datasheet HTML 14Page - STMicroelectronics AN4617 Datasheet HTML 15Page - STMicroelectronics AN4617 Datasheet HTML 16Page - STMicroelectronics AN4617 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID027161 Rev 1
13/26
AN4617
Peripheral migration
25
User can use the clock configuration tool (STM32xxxx_Clock_Configuration.xls), to
generate a customized system_stm32xxxx.c file containing a system clock configuration
routine, depending on the application requirements.
Concerning the peripheral access configuration user has to check mapping of the
peripherals’ registers and adapt their control of reset and clock gating at proper AHBx and
APBx registers at RCC (xxxxRSTR & xxxxENR) refer to Table 5. L0 series feature additional
control of clock gating at sleep mode (xxxxSMENR).
When configuring peripheral clock sources to a dedicated clock source independent from
the system clock, the source has to be checked during migration because of differences
summarized inTable 7.
2.5
DMA interface
Both STM32F0 and STM32L0 series feature up to 7-channel DMA controller. Some devices
(e.g. STM32F09x) feature 5 additional independently configurable channels on DMA2. Each
channel is dedicated to managing memory access requests from one or more peripherals.
The difference lies in optional remapping of DMA requests. While for F0 it is performed by
specific bits at SYSCFG_CFGR1 configuration register, in L0 we have specific channel
selection registers (CSELR).
Table 8 shows the basic differences between the DMA1 requests of peripherals among the
STM32F0 and STM32L0 series.
Table 7. Possible configuration of IPs’ clock sources
Peripheral
STM32F0 series
STM32L0 series
ADC
HSI14, PCLK divided by 2 or by 4
HSI16 or HSI16/4 with prescaler,
PCLK divided by 1, 2 or 4
USB
HSI48, PLL
HSI48, PLL VCO
USART
system clock, HSI8, LSE, APB
system clock, HSI16, LSE, APB
I2C
system clock, HSI8
system clock, HSI16, APB
RTC
LSE, LSI (40 kHz),
HSE (divided by 32)
LSE, LSI (38 kHz),
HSE_RTC (programmable prescaler)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com