Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4617 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4617 Datasheet HTML 18Page - STMicroelectronics AN4617 Datasheet HTML 19Page - STMicroelectronics AN4617 Datasheet HTML 20Page - STMicroelectronics AN4617 Datasheet HTML 21Page - STMicroelectronics AN4617 Datasheet HTML 22Page - STMicroelectronics AN4617 Datasheet HTML 23Page - STMicroelectronics AN4617 Datasheet HTML 24Page - STMicroelectronics AN4617 Datasheet HTML 25Page - STMicroelectronics AN4617 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Peripheral migration
AN4617
22/26
DocID027161 Rev 1
2.18
I2C interface
Both STM32F0 and STM32L0 series embed compatible I2C peripherals. Although the L0
features an enhanced version correcting some minor bugs of the older one used on F0, the
programming procedures and registers are the same. Note that STM32L07x devices feature
up to 3 instances of the I2C.
2.19
USART interface
The STM32L0 series embeds an enhanced USART compared with the F0 series, but the
devices are compatible from the user point of view, as the programming procedures and
registers remain the same.
Maximum speed is 6 MBits/s for STM32F0, 4 MBits/s only for STM32L0 devices. Number of
instances is product dependent.
The main difference is implementing low power UART baud rate generator on STM32F0.
Not all the applied instances support all the available features. Refer to reference manuals
to check the range and supported communication.
The STM32L0 series features low power asynchronous UART supporting clocking from LSE
(up to 9.6 KBd) and communication at stop mode. The features supported by this peripheral
are limited vs. standard USARTs.
2.20
TSC interface
Both STM32F0 and STM32L0 series embed the same TSC interface, the only difference is
the pinout concerning specific pins. While STM32F0 uses ports PA, PB, PD and PE, the
STM32L0 uses PA, PB and PC. Configuration control and registers are the same.
2.21
Debug module
User can expect differences in mapping of bits at peripheral freezing registers and debug
sleep mode supported in STM32L0 devices.
Table 17. SPI differences between STM32F0 and STM32L0 series
SPI feature
STM32F0
STM32L0
Max speed
18 MBits/s
16 MBits/s
Data size
Programmable 4-16 bits
Fixed 8 or 16-bit
Data buffers
32-bit Tx & Rx FIFOs (up to 4 data frames)
16-bit Tx & Rx buffers (single data frame)
Data packing
Data packing (8 & 16 & 32-bit access,
programmable FIFOs data threshold)
Not available
Instances
1-2x SPI (inc. 1-2x I2S)
2x SPI (inc. 1x I2S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com