Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4617 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4617 Datasheet HTML 17Page - STMicroelectronics AN4617 Datasheet HTML 18Page - STMicroelectronics AN4617 Datasheet HTML 19Page - STMicroelectronics AN4617 Datasheet HTML 20Page - STMicroelectronics AN4617 Datasheet HTML 21Page - STMicroelectronics AN4617 Datasheet HTML 22Page - STMicroelectronics AN4617 Datasheet HTML 23Page - STMicroelectronics AN4617 Datasheet HTML 24Page - STMicroelectronics AN4617 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DocID027161 Rev 1
21/26
AN4617
Peripheral migration
25
2.16
Real-time clock (RTC) interface
The STM32L0 series embeds an improved RTC peripheral versus the F0 series, however
the architecture, features and programming interface are similar.
The L0 RTC provides additionally:
A sub-second programmable alarm
16-bit wakeup auto reload timer with interrupt capability (STM32F0x7 devices features
by wakeup timer only)
RTC output remapping
Low power timer triggering by tamper event
For advanced information about the RTC programming, please refer to Application Note
AN3371 “Using the STM32 HW real-time clock (RTC)”.
2.17
SPI interface
The STM32F0 series embeds a new SPI peripheral versus the L0 series. The architecture,
features and programming interface are modified to introduce new capabilities.
As a consequence, the F0 SPI programming procedures and registers are a bit different to
those of the L0 series. The code written for the F0 series using the SPI needs little rework to
run on L0 series and oppositely.
The basic differences are summarized in Table 17:
Low-power
modes
Sleep
Stop
Standby (1.8 V domain
powered-off)
Sleep
Stop
Low power run
Sleep
Low power sleep
Stop
Standby
Wake-up
sources
Sleep
– Any peripheral
interrupt/wakeup event
Stop
– Any EXTI line event/interrupt
Standby
– WKUP0 or WKUP1 pin rising
edge
–RTC alarm
– External reset in NRST pin
– IWDG reset
Sleep
– Any peripheral
interrupt/wakeup event
Stop
– Any EXTI line event/interrupt
Low power run
– switch MR on
Sleep
– Any wakeup or interrupt
Low power sleep
– Any wakeup or interrupt
Stop
– Any EXTI line event/interrupt
Standby
– WKUP pin rising edge
– RTC alarm
–RTC wake up
– External reset in NRST pin
– IWDG reset
Table 16. PWR differences between STM32F0 and STM32L0 series (continued)
PWR
STM32F0x1/2 series
STM32F0x8 series
STM32L0 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com