Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4631 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4631
Description  How to calibrate an STM32L0xx internal RC oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4631 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4631 Datasheet HTML 18Page - STMicroelectronics AN4631 Datasheet HTML 19Page - STMicroelectronics AN4631 Datasheet HTML 20Page - STMicroelectronics AN4631 Datasheet HTML 21Page - STMicroelectronics AN4631 Datasheet HTML 22Page - STMicroelectronics AN4631 Datasheet HTML 23Page - STMicroelectronics AN4631 Datasheet HTML 24Page - STMicroelectronics AN4631 Datasheet HTML 25Page - STMicroelectronics AN4631 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Internal RC oscillator calibration
22/30
DocID027266 Rev 2
2.5
Calibration process performance
2.5.1
Duration of the calibration process
The duration of the calibration process depends on:
1.
the frequency of the reference signal (prescaled value) “REFERENCE_FREQUENCY”,
2.
the number of measured periods per trimming value “NUMBER_OF_LOOPS”,
3.
the number of measured frequencies during the calibration process “number of steps”.
Once the peripherals are configured and ready (mainly the LSE oscillator), the duration of
the calibration process is approximated by:
duration = (2 x (NUMBER_OF_LOOPS + 1) x number of steps) / REFERENCE_FREQUENCY
If the calibration process is run with a minimum frequency error for HSI16 oscillator
(HSI16_CalibrateMinError()), the number of steps is equal to 32. If the LSE oscillator
is used as the reference frequency (REFERENCE_FREQUENCY = LSE value / Input capture
prescaler = 32768/8 = 4096 Hz) and the selected number of measured periods is 10, the
calibration consumes approximately:
duration = (2 x 11 x 32) / 4096 = 172 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com