Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4631 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4631
Description  How to calibrate an STM32L0xx internal RC oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4631 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4631 Datasheet HTML 19Page - STMicroelectronics AN4631 Datasheet HTML 20Page - STMicroelectronics AN4631 Datasheet HTML 21Page - STMicroelectronics AN4631 Datasheet HTML 22Page - STMicroelectronics AN4631 Datasheet HTML 23Page - STMicroelectronics AN4631 Datasheet HTML 24Page - STMicroelectronics AN4631 Datasheet HTML 25Page - STMicroelectronics AN4631 Datasheet HTML 26Page - STMicroelectronics AN4631 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DocID027266 Rev 2
23/30
Internal RC oscillator calibration
29
When running the calibration process for the MSI oscillator, the number of steps is equal to
256. If the LSE oscillator is used as the reference frequency (REFERENCE_FREQUENCY =
LSE value / Input capture prescaler = 32768/8 = 4096 Hz) and the selected number of
measured periods is 10, the calibration consumes approximately:
duration = (2 x 11 x 256) / 4096 = 1.4 s
The duration of the calibration process with a maximum allowed error is lower than or equal
to the duration of calibration when using the minimum frequency error process.
Note:
Multiplying by 2 in the duration formula above is due to the fact that there is no
synchronization between the reference signal and the start of counting by the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com