Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4631 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4631
Description  How to calibrate an STM32L0xx internal RC oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4631 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4631 Datasheet HTML 22Page - STMicroelectronics AN4631 Datasheet HTML 23Page - STMicroelectronics AN4631 Datasheet HTML 24Page - STMicroelectronics AN4631 Datasheet HTML 25Page - STMicroelectronics AN4631 Datasheet HTML 26Page - STMicroelectronics AN4631 Datasheet HTML 27Page - STMicroelectronics AN4631 Datasheet HTML 28Page - STMicroelectronics AN4631 Datasheet HTML 29Page - STMicroelectronics AN4631 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Conclusion
28/30
DocID027266 Rev 2
4
Conclusion
Even if internal RC oscillators are factory-calibrated, the user should calibrate them in the
operating environment if a high-accuracy clock is required in the application.
This application note provides two routines:
•
Multi- and High-Speed Internal oscillator calibration: how to fine-tune the oscillator
to the typical value
•
Multi- and Low-Speed Internal oscillator measurement: how to get the “exact”
LSI/MSI frequency value
Several frequency sources can be used to calibrate the internal RC oscillators (HSI16,
HSI48 and MSI): LSE crystal, AC line, etc. Whatever the reference frequency source, the
internal oscillator calibration principle is the same: a reference signal must be provided to be
measured by a timer. The higher the accuracy of the reference signal frequency, the better
the accuracy of the internal oscillator frequency measurement. The error is computed as the
absolute value of the typical frequency value and the measured one for each trimming
value. From this, the calibration value is calculated and then programmed in the trimming
bits.
The second section of this application note discussed the measurement of LSI and MSI
oscillators. The internal connection between internal oscillators and embedded timers in the
STM32L0xx microcontroller family is used for this purpose. The timer is clocked using the
system clock source and configured in Input capture mode. The captured time between two
consecutive rising edges of internal oscillator represents an entire period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com