Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4661 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4661
Description  This application note is intended for system designers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4661 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4661 Datasheet HTML 17Page - STMicroelectronics AN4661 Datasheet HTML 18Page - STMicroelectronics AN4661 Datasheet HTML 19Page - STMicroelectronics AN4661 Datasheet HTML 20Page - STMicroelectronics AN4661 Datasheet HTML 21Page - STMicroelectronics AN4661 Datasheet HTML 22Page - STMicroelectronics AN4661 Datasheet HTML 23Page - STMicroelectronics AN4661 Datasheet HTML 24Page - STMicroelectronics AN4661 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DocID027559 Rev 1
21/33
AN4661
Debug management
32
5
Debug management
5.1
Introduction
The host/target interface is the hardware equipment that connects the host to the application
board. This interface is made of three components: a hardware debug tool, a JTAG or SW
connector and a cable connecting the host to the debug tool. Figure 13 shows the
connection of the host to the evaluation board.
Figure 13. Host to board connection
5.2
SWJ debug port (serial wire and JTAG)
The core of the STM32F746xx/STM32F756xx integrates the Serial Wire / JTAG Debug Port
(SWJ-DP). It is an ARM® standard CoreSight debug port that combines a JTAG-DP (5-pin)
interface and a SW-DP (2-pin) interface.
The JTAG Debug Port (JTAG-DP) provides a 5-pin standard JTAG interface to the
AHP-AP port.
The Serial Wire Debug Port (SW-DP) provides a 2-pin (clock + data) interface to the
AHP-AP port.
In the SWJ-DP, the two JTAG pins of the SW-DP are multiplexed with some of the five JTAG
pins of the JTAG-DP.
For more details on the SWJ debug port refer to RM0385 SWJ debug port section (serial
wire and JTAG).
5.3
Pinout and debug port pins
The STM32F746xx/STM32F756xx devices are available in various packages with different
numbers of available pins. As a result, some functionality related to pin availability (TPIU
parallel output interface) may differ between packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com