Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4661 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4661
Description  This application note is intended for system designers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4661 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4661 Datasheet HTML 19Page - STMicroelectronics AN4661 Datasheet HTML 20Page - STMicroelectronics AN4661 Datasheet HTML 21Page - STMicroelectronics AN4661 Datasheet HTML 22Page - STMicroelectronics AN4661 Datasheet HTML 23Page - STMicroelectronics AN4661 Datasheet HTML 24Page - STMicroelectronics AN4661 Datasheet HTML 25Page - STMicroelectronics AN4661 Datasheet HTML 26Page - STMicroelectronics AN4661 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DocID027559 Rev 1
23/33
AN4661
Debug management
32
5.3.3
Internal pull-up and pull-down on JTAG pins
It is necessary to ensure that the JTAG input pins are not floating since they are directly
connected to flip-flops to control the debug mode features. A special care must be taken
with the SWCLK/TCK pin which is directly connected to the clock of some of these flip-flops.
To avoid any uncontrolled IO levels, the device embeds internal pull-ups and pull-downs on
the JTAG input pins:
NJTRST: Internal pull-up.
JTDI: Internal pull-up.
JTMS/SWDIO: Internal pull-up.
TCK/SWCLK: Internal pull-down.
Once a JTAG IO is released by the user software, the GPIO controller takes control again.
The reset states of the GPIO control registers put the I/Os in the equivalent state:
NJTRST: AF input pull-up.
JTDI: AF input pull-up.
JTMS/SWDIO: AF input pull-up.
JTCK/SWCLK: AF input pull-down.
JTDO: AF output floating.
The software can then use these I/Os as standard GPIOs.
Note:
The JTAG IEEE standard recommends to add pull-ups on TDI, TMS and nTRST but there is
no special recommendation for TCK. However, for JTCK, the device needs an integrated
pull-down.
Having embedded pull-ups and pull-downs removes the need to add external resistors.
5.3.4
SWJ debug port connection with standard JTAG connector
Figure 14 shows the connection between the STM32F7xxxx and a standard JTAG
connector.
Figure 14. JTAG connector implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com