Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4661 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4661
Description  This application note is intended for system designers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4661 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4661 Datasheet HTML 18Page - STMicroelectronics AN4661 Datasheet HTML 19Page - STMicroelectronics AN4661 Datasheet HTML 20Page - STMicroelectronics AN4661 Datasheet HTML 21Page - STMicroelectronics AN4661 Datasheet HTML 22Page - STMicroelectronics AN4661 Datasheet HTML 23Page - STMicroelectronics AN4661 Datasheet HTML 24Page - STMicroelectronics AN4661 Datasheet HTML 25Page - STMicroelectronics AN4661 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Debug management
AN4661
22/33
DocID027559 Rev 1
5.3.1
SWJ debug port pins
Five pins are used as outputs from the STM32F746xx/STM32F756xx for the SWJ-DP as
alternate functions of general-purpose I/Os. These pins are available on all packages.
5.3.2
Flexible SWJ-DP pin assignment
After RESET (SYSRESETn or PORESETn), all five pins used for the SWJ-DP are assigned
as dedicated pins immediately usable by the debugger host (note that the trace outputs are
not assigned except if explicitly programmed by the debugger host).
However, the STM32F746xx/STM32F756xx devices offer the possibility of disabling some
or all of the SWJ-DP ports and so, of releasing the associated pins for general-purpose IO
(GPIO) usage.
Table 6 shows the different possibilities to release some pins.
For more details on how to disable SWJ-DP port pins, please refer to RM0385 I/O pin
alternate function multiplexer and mapping section.
Table 5. SWJ debug port pins
SWJ-DP pin name
JTAG debug port
SW debug port
Pin
assignment
Type
Description
Type
Debug assignment
JTMS/SWDIO
I
JTAG test mode
Selection
IO
Serial wire data
input/output
PA13
JTCK/SWCLK
I
JTAG test clock
I
Serial wire clock
PA14
JTDI
I
JTAG test data input
-
-
PA15
JTDO/TRACESWO
O
JTAG test data
output
-
TRACESWO if async
trace is enabled
PB3
NJTRST
I
JTAG test nReset
-
-
PB4
Table 6. Flexible SWJ-DP assignment
Available debug ports
SWJ IO pin assigned
PA13 /
JTMS /
SWDIO
PA14 /
JTCK /
SWCL
K
PA15 /
JTDI
PB3 /
JTDO
PB4 /
NJTRST
Full SWJ (JTAG-DP + SW-DP) - reset state
X
X
X
X
X
Full SWJ (JTAG-DP + SW-DP) but without
NJTRST
XXX
X
-
JTAG-DP disabled and SW-DP enabled
X
X
-
JTAG-DP disabled and SW-DP disabled
Released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com