Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP51_52_53 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BCP51_52_53
Description  PNP MEDIUM POWER TRANSISTORS IN SOT223
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP51_52_53 Datasheet(HTML) 1 Page - Diodes Incorporated

  BCP51_52_53_15 Datasheet HTML 1Page - Diodes Incorporated BCP51_52_53_15 Datasheet HTML 2Page - Diodes Incorporated BCP51_52_53_15 Datasheet HTML 3Page - Diodes Incorporated BCP51_52_53_15 Datasheet HTML 4Page - Diodes Incorporated BCP51_52_53_15 Datasheet HTML 5Page - Diodes Incorporated BCP51_52_53_15 Datasheet HTML 6Page - Diodes Incorporated BCP51_52_53_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BCP 51 / 52 / 53
Datasheet Number: DS35366 Rev. 6 - 2
1 of 7
www.diodes.com
March 2015
© Diodes Incorporated
BCP 51/ 52/ 53
PNP MEDIUM POWER TRANSISTORS IN SOT223
Features
BVCEO > -45V, -60V & -80V
IC = -1A High Continuous Collector Current
ICM = -2A Peak Pulse Current
2W Power Dissipation
Low Saturation Voltage VCE(sat) < -500mV @ -0.5A
Gain Groups 10 and 16
Complementary NPN Types: BCP54, 55 and 56
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT223
Case Material: Molded P
lastic. “Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads; Solderable per
MIL-STD-202, Method 208
Weight: 0.112 grams (Approximate)
Applications
Medium Power Switching or Amplification Applications
AF Driver and Output Stages
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
BCP51TA
AEC-Q101
BCP 51
7
12
1,000
BCP5110TA
AEC-Q101
BCP 5110
7
12
1,000
BCP5116TA
AEC-Q101
BCP 5116
7
12
1,000
BCP5116TC
AEC-Q101
BCP 5116
13
12
4,000
BCP52TA
AEC-Q101
BCP 52
7
12
1,000
BCP5210TA
AEC-Q101
BCP 5210
7
12
1,000
BCP5216TA
AEC-Q101
BCP 5216
7
12
1,000
BCP53TA
AEC-Q101
BCP 53
7
12
1,000
BCP53QTA
Automotive
BCP 53
7
12
1,000
BCP5310TA
AEC-Q101
BCP 5310
7
12
1,000
BCP5316TA
AEC-Q101
BCP 5316
7
12
1,000
BCP5316QTA
Automotive
Refer to http://diodes.com/datasheets/BCP5316Q.pdf
BCP5316TC
AEC-Q101
BCP 5316
13
12
4,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Device Symbol
SOT223
C
E
B
Top View
Pin-Out
BCP
XXXX
SOT223
BCP = Product Type Marking Code, Line 1
XXXX = Product Type Marking Code, Line 2 as follows:
BCP51
= 51
BCP52
= 52
BCP53
= 53
BCP5110 = 5110
BCP5210 = 5210
BCP5310 = 5310
BCP5116 = 5116
BCP5216 = 5216
BCP5316 = 5316
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week Code (01~53)


Similar Part No. - BCP51_52_53_15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP51-10 SIEMENS-BCP51-10 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP51-10 INFINEON-BCP51-10 Datasheet
48Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
logo
Micro Commercial Compon...
BCP51-10 MCC-BCP51-10 Datasheet
455Kb / 5P
PNP Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BCP51-10 NEXPERIA-BCP51-10 Datasheet
1Mb / 22P
45 V, 1 A PNP medium power transistors
Rev. 9 - 13 October 2011
BCP51-10T NEXPERIA-BCP51-10T Datasheet
273Kb / 14P
45 V, 1 A PNP medium power transistors
Rev. 1 - 29 April 2019
More results

Similar Description - BCP51_52_53_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP31 ZETEX-BSP31 Datasheet
47Kb / 1P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCP51 DIODES-BCP51 Datasheet
116Kb / 7P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
BCP54_55_56 DIODES-BCP54_55_56_15 Datasheet
430Kb / 7P
NPN MEDIUM POWER TRANSISTORS IN SOT223
Rev 6
BCP5316Q DIODES-BCP5316Q_15 Datasheet
283Kb / 6P
80V PNP MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
FZT549 DIODES-FZT549_15 Datasheet
523Kb / 7P
30V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT591 DIODES-FZT591_15 Datasheet
462Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT593 DIODES-FZT593_15 Datasheet
562Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT955 DIODES-FZT955_15 Datasheet
638Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
BCP5416Q DIODES-BCP5416Q Datasheet
395Kb / 8P
NPN MEDIUM POWER TRANSISTORS IN SOT223
August 2021 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com