Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1002ACN Datasheet(PDF) 9 Page - Linear Technology

Part # LT1002ACN
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002ACN Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1002ACN Datasheet HTML 5Page - Linear Technology LT1002ACN Datasheet HTML 6Page - Linear Technology LT1002ACN Datasheet HTML 7Page - Linear Technology LT1002ACN Datasheet HTML 8Page - Linear Technology LT1002ACN Datasheet HTML 9Page - Linear Technology LT1002ACN Datasheet HTML 10Page - Linear Technology LT1002ACN Datasheet HTML 11Page - Linear Technology LT1002ACN Datasheet HTML 12Page - Linear Technology LT1002ACN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1002
APPLICATIONS INFORMATION
Test Circuit for Offset Voltage and its Drift with Temperature
–15V
+15V
*50k
*
100
Ω
*
50k
3
(10)
(11)
4
14 (7)
13 (6)
VO
1002 TA05
VO = 1000 VOS
*RESISTORS MUST HAVE LOW
THERMOELECTRIC POTENTIAL.
12 (5)
1/2 LT1002
0.1Hz to 10Hz Noise Test Circuit
The device under test should be warmed up for three
minutes and shielded from air currents. Turn the device
180
° to measure the noise of side B.
–
+
100k
Ω
2k
Ω
100k
4.3k
110k
SCOPE
× 1
RIN = 1MΩ
0.1
µF
4.7
µF
24.3k
10
Ω
1002 TA06
0.1
µF
22
µF
VOLTAGE GAIN = 50,000
2.2
µF
DEVICE
UNDER
TEST
1/2 LT1002
A
1/2 LT1002
B
(Peak to Peak noise measured in 10 Sec interval)
This circuit is also used as burn-in configuration for the
LT1002, with supply voltages increased to
±20V.
Unless proper care is exercised, thermocouple effects,
caused by temperature gradients across dissimilar metals
at the contacts to the input terminals, can exceed the
inherent drift of the amplifier. Air currents should be
minimized, package leads should be short, the two input
leads should be as close together as possible and main-
tained at the same temperature.
Channel Separation
This parameter is defined as the ratio of the change in input
offset voltage of one amplifier to the change in output
voltage of the other amplifier causing the offset change.
At low frequencies the LT1002’s channel separation is an
almost unmeasurable 148dB. As frequency increases, pin
to pin capacitance of the package, between the output of
one amplifier and the inputs of the other, becomes domi-
nant. Since these pins are non-adjacent, the capacitance is
only 0.02pF. To maintain the LT1002’s excellent channel
separation at higher frequencies, the socket and PC board
capacitances should be minimized.
Power supplies
The LT1002 is specified over a wide range of power supply
voltages from
±3V to±18V. Operation with lower supplies
is possible, down to
±1.2V (two Ni-Cad batteries). How-
ever, with
±1.2V supplies, the device is stable only in
closed loop gains of + 2 or higher (or inverting gain of one
or higher).
The V+ supply terminals are completely independent and
may be powered by separate supplies if desired (this
approach, however, would sacrifice the advantages of the
power supply rejection ratio matching). The V– supply
terminals are both connected to the common substrate
and must be tied to the same voltage. Both V – pins should
be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com