Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1002ACN Datasheet(PDF) 7 Page - Linear Technology

Part # LT1002ACN
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002ACN Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1002ACN Datasheet HTML 3Page - Linear Technology LT1002ACN Datasheet HTML 4Page - Linear Technology LT1002ACN Datasheet HTML 5Page - Linear Technology LT1002ACN Datasheet HTML 6Page - Linear Technology LT1002ACN Datasheet HTML 7Page - Linear Technology LT1002ACN Datasheet HTML 8Page - Linear Technology LT1002ACN Datasheet HTML 9Page - Linear Technology LT1002ACN Datasheet HTML 10Page - Linear Technology LT1002ACN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1002
Small Signal Transient Response
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
100
160
150
140
130
120
110
100
90
80
1k
10k
1002 G19
100k
1M
VS = ±15V
TA = 25°C
RS =10Ω
RS =100Ω
RS =1k
Common Mode Rejection and
CMRR Match vs Frequency
Channel Separation vs Frequency
FREQUENCY (Hz)
160
140
120
100
80
60
40
20
0
1002 G20
1
10
100
1k
10k
100k
1M
VS = ±15V
TA = 25°C
CMRR
MATCH ( CMRR)
<
Common Mode Limit
vs Temperature
TEMPERATURE (
°C)
–50
V+
–0.2
–0.4
–0.6
–0.8
–1.0
+1.0
+.8
+.6
+.4
+.2
V
25
75
1002 G21
–25
0
50
100
125
V = –1.2 to –4V
V = –12 to –18V
V + = 12 to 18V
V + = 1.2 to 4V
SUPPLY VOLTAGE (V)
2.0
1.5
1.0
0.5
±9
±15
1002 G22
±3 ±6
±12
±18 ±21
–55
°C
125
°C
25
°C
Supply Churrent vs. Supply Voltage
For Each Amplifier
Large Signal Transient Response
1002 G23
FREQUENCY (kHz)
1
28
24
20
16
12
8
4
0
10
100
1000
1002 G24
VS = ±15V
TA = +25°C
Maximum Undistorted
Output vs. Frequency
AV = +1, CL = 1000pF
1002 G27
Small Signal Transient Response
CAPACITIVE LOAD (PICOFARADS)
100
1002 G26
1000
10,000
100,000
100
80
60
40
20
0
VS = ±15V
TA = 25°C
VIN = 100mV
RL > 50k
Voltage Follower Overshoot
vs Capacitive Load
AV = +1, CL = 50pF
1002 G25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com