Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1002ACN Datasheet(PDF) 5 Page - Linear Technology

Part # LT1002ACN
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002ACN Datasheet(HTML) 5 Page - Linear Technology

  LT1002ACN Datasheet HTML 1Page - Linear Technology LT1002ACN Datasheet HTML 2Page - Linear Technology LT1002ACN Datasheet HTML 3Page - Linear Technology LT1002ACN Datasheet HTML 4Page - Linear Technology LT1002ACN Datasheet HTML 5Page - Linear Technology LT1002ACN Datasheet HTML 6Page - Linear Technology LT1002ACN Datasheet HTML 7Page - Linear Technology LT1002ACN Datasheet HTML 8Page - Linear Technology LT1002ACN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1002
TYPICAL PERFORMANCE CHARACTERISTICS
Distribution of Offset Voltage
Match Drift with Temperature
INPUT OFFSET VOLTAGE DRIFT
WITH TEMPERATURE (
µV/°C)
70
60
50
40
30
20
10
0
1002 G02
–1.2
–0.8
–0.4
0
+0.4
+0.8
+1.2
260 UNITS TESTED
VS = ±15V
Offset Voltage Drift with Temperature
of Six Representative Units
Offset Voltage Tracking with Temperature
of Six Representative Units
Long Term Stability of Four
Representative Units
TIME (MONTHS)
0
4
1001 G07
1
2
3
5
10
5
0
–5
–10
FREQUENCY (Hz)
1
1
3
10
30
100
0.1
1
3
10
10
100
1000
1002 G09
TA = 25°C
VS = ±3 TO ±18V
VOLTAGE
CURRENT
1/f CORNER
70Hz
1/f CORNER
4Hz
0.3
TIME (SECONDS)
0
8
1001 G08
2
4
6
10
Distribution of Offset Voltage Drift
with Temperature
(Individual Amplifiers)
Distribution of Offset Voltage of
Individual Amplifiers
OFFSET VOLTAGE MATCH DRIFT
WITH TEMPERATURE (
µV/°C)
35
30
25
20
15
10
5
1002 G03
–1.2
–0.8
–0.4
0
+0.4
+0.8
+1.2
130 UNITS TESTED
VS = ±15V
Warm-Up Drift
TIME AFTER POWER ON –
BOTH AMPLIFIERS (MINUTES)
0
5
4
3
2
1
0
4
1002 G06
1
2
3
5
VS = ±15V
TA = 25°C
N14 PLASTIC PACKGE
J14 HERMETIC DIP PACKGE
TEMPERATURE (
°C)
–50
100
80
60
40
20
0
–20
–40
–60
–80
–100
0
50
75
1002 G04
–25
25
100
125
LT1002AM
LT1002AM
LT1002AM
LT1002M
LT1002M
VS = ±15V
LT1002M
TEMPERATURE (
°C)
–50
100
80
60
40
20
0
–20
–40
–60
–80
–100
0
50
75
1002 G04
–25
25
100
125
LT1002AM
LT1002AM
LT1002AM
LT1002M
LT1002M
LT1002M
0.1Hz to 10Hz Noise
Noise Spectrum
INPUT OFFSET VOLTAGE (
µV)
–100 –80
100
80
60
40
20
0
60
1002 G01
–60 –40 –20 0
20 40
80 100
574 UNITS TESTED
VS = ±15V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com