Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19WRVG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS19WRVG
Description  SOT-323 100-250V/200mA Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS19WRVG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS19WRVG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS19WRVG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS19WRVG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS19WRVG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAS19WRVG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Fast Switching Speed
- Surface Mounted Device
- Moisture sensitivity level 1
- Pb free and RoHS compliant
- Case: SOT-323 package
- General purpose switching application
VRRM
V
VR
V
IO
mA
PD
mW
RθJA
oC/W
TJ
oC
TSTG
oC
SYMBOL
UNIT
BAS19W
BAS20W
BAS21W
BAS19W
BAS20W
BAS21W
CD
pF
trr
ns
Document Number: DS_S1405006
Storage Temperature Range
V
MAX
- High temperature soldering guaranteed: 260°C/10s
- Weight: 5mg (approximately)
APPLICATION
150
250
100
150
Peak Repetitive Reverse Voltage
DC Blocking Voltage
100
--
V
V(BR)
at IR = 100 µA
Junction Temperature
MIN
TEST CONDITION
1.25
--
5
Version: B14
50
100
150
250
BAS19W/20W/21W
Taiwan Semiconductor
Small Signal Product
SOT-323 100-250V/200mA Switching Diode
FEATURES
at IF= IR=30mA , Irr=0.1xIR
- 55 to + 150
125
SOT-323
MECHANICAL DATA
BAS19W
BAS20W
BAS21W
PARAMETER
SYMBOL
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
VALUE
UNIT
250
Average Rectified Output Currect
200
Reverse Voltage Leakage Current
at VR = 100 V
µ
A
at VR = 200 V
--
Reverse Breakdown Voltage
Reverse Recovery Time
Power Dissipation
200
Thermal Resistance form Junction to Ambient
625
PARAMETER
Forward Voltage
Diode Capacitance
at IF = 30 mA
VR=0V, f=1.0MHz
at IF = 100 mA
VF
1
IR
0.1
--
at VR = 150 V
--


Similar Part No. - BAS19WRVG

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19W PANJIT-BAS19W Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19W WTE-BAS19W Datasheet
45Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Comchip Technology
BAS19W COMCHIP-BAS19W Datasheet
79Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - BAS19WRVG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
SC-70/SOT-323 Dual Series Switching Diode
logo
Rectron Semiconductor
BAV70W RECTRON-BAV70W Datasheet
379Kb / 2P
SOT-323 PLASTIC ENCAPSULATE SWITCHING DIODE
BAV99W RECTRON-BAV99W Datasheet
271Kb / 3P
SOT-323 SWITCHING DIODE
DAN217U RECTRON-DAN217U Datasheet
166Kb / 3P
SOT-323 SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
BAS21H WILLAS-BAS21H Datasheet
315Kb / 3P
200mA Surface Mount Switching Diode-250V
logo
Yea Shin Technology Co....
BAS19W YEASHIN-BAS19W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS20W YEASHIN-BAS20W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS21W YEASHIN-BAS21W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
MMBD4448W YEASHIN-MMBD4448W Datasheet
442Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAV19WS-G TSC-BAV19WS-G Datasheet
162Kb / 4P
200mA, 120V - 250V Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com