Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAS70
Description  225mW SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS70 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAS70 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS70 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS70 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS70 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(TA=25
℃ unless otherwise noted)
Document Number: DS_S1404012
Small Signal Product
BAS70 / -04 / -05 / -06
Taiwan Semiconductor
Version: E14
RATINGS AND CHARACTERISTICS CURVES
0
100
200
0
25
50
75
100
125
T
A - Ambient Temperature (
oC)
Fig.1 Power Derating Curve
0
50
100
1
10
100
Numbers of Cycles at 60 Hz
Fig. 2 Maximum Non-Repetitve Peak Forward
Surge Current Per Leg
8.3 ms single half sine wave
(JEDEC Method)
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
F, Instantaneous Forward Voltage (V)
Fig. 3 Typical Forward Characteristics
T
A= -40 °C
T
A= 0 °C
T
A= 25 °C
T
A= 75 °C
0.1
1
10
100
1000
10000
0
10
20
30
40
V
R - Reverse Voltage (V)
Fig. 4 Typical Reverse Characteristics
T
A=125 °C
T
A=70 °C
T
A=25 °C
T
A=0 °C
T
A= -40 °C
0
1
2
0
5
10
15
20
Reverse Voltage (V)
Fig. 5 Typical Total Capacitance VS. Reverse Voltage
f=1.0MHz
0.1
1
10
100
0.01
0.1
1
10
100
Pulse Duration (sec)
Fig. 6 Typical Transient Thermal Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com