Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS70
Description  225mW SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS70 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS70 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS70 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS70 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS70 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Low turn-on voltage
- Fast switching
- PN junction guard ring for transient and ESD protection
- Case: SOT- 23, molded plastic
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260
oC/10s
- Weight: 0.008grams (approximately)
SYMBOL
UNIT
VRRM
VRWM
VR
VR(RMS)
V
IF
mA
IFSM
mA
PD
mW
RθJA
K/W
TJ
°C
TSTG
°C
SYMBOL
UNIT
V(BR)
V
IR
nA
CJ
pF
trr
ns
Notes: 1. Valid provided that terminals are kept at ambient temperature
2. Test period < 3000 µs
Document Number: DS_S1404012
Version: E14
Reverse leakage current
PARAMETER
mV
PARAMETER
VF
Forward voltage
BAS70 / -04 / -05 / -06
FEATURES
MECHANICAL DATA
Small Signal Product
Taiwan Semiconductor
SOT-23
VALUE
625
MAX
410
MIN
-
200
Reverse revovery time
IF = IR = 10 mA, IRR = 100 Ω, IRR = 1 mA
Reverse breakdown voltage
IR = 10 µA
tp=300µs , IF=1.0mA
-
100.00
5
70
-
-
2
Junction capacitance
VR = 0 V, f = 1 MHz
tp<300µs , IF=15mA
tp<300µs , VR=50V
225mW SMD Switching Diode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
1000
-
-
Operating Junction Temperature
Thermal Resistance Junction to Ambient Air
Non-Repetitive Peak Forward Surge Current
Power Dissipation
Forward Continuous Current
@ t ≦ 1.0 s
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
(Note 1)
(Note 1)
Storage Temperature Range
70
100
-55 to + 125
-55 to + 150
V
70
RMS Reverse Voltage
49
(Note 1)


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70 VISHAY-BAS70 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
logo
Diodes Incorporated
BAS70 DIODES-BAS70 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
225mW SMD Switching Diode
BAV99 TSC-BAV99 Datasheet
165Kb / 2P
225mW SMD Switching Diode
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
225mW SMD Switching Diode
BAW56 TSC-BAW56_10 Datasheet
486Kb / 3P
225mW SMD Switching Diode
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
225mW SMD Switching Diode
BAS21 TSC-BAS21_14 Datasheet
218Kb / 5P
225mW SMD Switching Diode
BAS116 TSC-BAS116_15 Datasheet
206Kb / 4P
225mW, SMD Switching Diode
BAV99L TSC-BAV99L Datasheet
227Kb / 4P
225mW SMD Switching Diode
BAW56 TSC-BAW56_14 Datasheet
125Kb / 4P
225mW SMD Switching Diode
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
225mW SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com