Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAS70
Description  225mW SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS70 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAS70 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS70 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS70 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS70 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ORDERING INFORMATION
PART NO.
BAS70
BAS70-04
BAS70-05
BAS70-06
PART NO.
BAS70
BAS70
BAS70
Document Number: DS_S1404012
BAS70 / -04 / -05 / -06
Taiwan Semiconductor
Version: E14
Green compound
Green compound
Green compound
RF
MARKING
73
74
75
76
SOT-23
RF
G
SOT-23
3K / 7" Reel
(Note)
RF
G
SOT-23
3K / 7" Reel
RF
G
SOT-23
3K / 7" Reel
BAS70-D0 RFG
G
D0
RF
BAS70 RFG
G
BAS70-B0 RFG
G
B0
RF
RF
Note: Manufacture special control, if empty means no special control requirement.
PREFERRED P/N
GREEN
COMPOUND
CODE
MANUFACTURE
CODE
PACKING CODE
EXAMPLE
DESCRIPTION
3K / 7" Reel
G
Small Signal Product
PACKING
CODE
GREEN
COMPOUND
CODE
PACKAGE
PACKING
MANUFACTURE
CODE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com