Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1114AC Datasheet(PDF) 1 Page - Linear Technology

Part # LT1114AC
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114AC Datasheet(HTML) 1 Page - Linear Technology

  LT1114AC Datasheet HTML 1Page - Linear Technology LT1114AC Datasheet HTML 2Page - Linear Technology LT1114AC Datasheet HTML 3Page - Linear Technology LT1114AC Datasheet HTML 4Page - Linear Technology LT1114AC Datasheet HTML 5Page - Linear Technology LT1114AC Datasheet HTML 6Page - Linear Technology LT1114AC Datasheet HTML 7Page - Linear Technology LT1114AC Datasheet HTML 8Page - Linear Technology LT1114AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1112/LT1114
DESCRIPTIO
S
FEATURE
Dual/Quad Low Power
Precision, Picoamp Input Op Amps
The LT1112 dual and LT1114 quad op amps achieve a new
standard in combining low cost and outstanding precision
specifications.
The performance of the selected prime grades matches or
exceeds competitive devices. In the design of the LT1112/
LT1114 however, particular emphasis has been placed on
optimizing performance in the low cost plastic and SO
packages. For example, the 75
µV maximum offset voltage
in these low cost packages is the lowest on any dual or
quad non-chopper op amp.
The LT1112/LT1114 also provide a full set of matching
specifications, facilitating their use in such matching
dependent applications as two and three op amp instru-
mentation amplifiers.
Another set of specifications is furnished at
±1V supplies.
This, combined with the low 320
µA supply current per
amplifier, allows the LT1112/LT1114 to be powered by
two nearly discharged AA cells.
s
S8 Package – Standard Pinout
s
Offset Voltage – Prime Grade: 60
µV Max
s
Offset Voltage – Low Cost Grade
(Including Surface Mount Dual/Quad): 75
µV Max
s
Offset Voltage Drift: 0.5
µV/°C Max
s
Input Bias Current: 250pA Max
s
0.1Hz to 10Hz Noise: 0.3
µVP-P, 2.2pAP-P
s
Supply Current per Amplifier: 400
µA Max
s
CMRR: 120dB Min
s
Voltage Gain: 1 Million Min
s
Guaranteed Specs with
±1.0V Supplies
s
Guaranteed Matching Specifications
s
LT1114 in Narrow Surface Mount Package
S
APPLICATI
s
Picoampere/Microvolt Instrumentation
s
Two and Three Op Amp Instrumentation Amplifers
s
Thermocouple and Bridge Amplifiers
s
Low Frequency Active Filters
s
Photo Current Amplifiers
s
Battery-Powered Systems
Protected by U.S. Patents 4,575,685; 4,775,884 and 4,837,496
Distribution of Input Offset Voltage
(In All Packages)
INPUT OFFSET VOLTAGE (
µV)
–70
20
25
30
–10
30
15
10
–50
–30
10
50
70
5
0
VS = ±15V
TA = 25°C
LT1112/14 • TA02
1/2 LT1112
1/2 LT1112
LT1004-1.2
75k
0.1%
46.4k
0.1%
2
3
6
5
4
7
8
1
0.765V
RX
15k
3V
2.000V
LT1112/14 • TA01
TOTAL SUPPLY CURRENT = 700
µA
2V REFERENCE: SOURCES 1.7mA, SINKS 5mA
OPTIONAL RX = 300Ω INCREASES SOURCE
CURRENT TO 5mA
0.765V REFERENCE: SOURCES 5mA,
SINKS 0.5mA
TEMPERATURE COEFFICIENT LIMITED
BY REFERENCE = 20ppm/°C
MINIMUM SUPPLY = 2.7V
Dual Output, Buffered Reference (On Single 3V Supply)


Similar Part No. - LT1114AC

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1114ACN LINEAR-LT1114ACN Datasheet
339Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
More results

Similar Description - LT1114AC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112_1 Datasheet
339Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Technology
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114 LINER-LT1114_15 Datasheet
345Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com