Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1114AC Datasheet(PDF) 7 Page - Linear Technology

Part # LT1114AC
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114AC Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1114AC Datasheet HTML 3Page - Linear Technology LT1114AC Datasheet HTML 4Page - Linear Technology LT1114AC Datasheet HTML 5Page - Linear Technology LT1114AC Datasheet HTML 6Page - Linear Technology LT1114AC Datasheet HTML 7Page - Linear Technology LT1114AC Datasheet HTML 8Page - Linear Technology LT1114AC Datasheet HTML 9Page - Linear Technology LT1114AC Datasheet HTML 10Page - Linear Technology LT1114AC Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1112/LT1114
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
0.1Hz to 10Hz Noise
0.01Hz to 1Hz Noise
Supply Current per Amplifier
vs Supply Voltage
TIME (MONTHS)
0
–6
–4
–2
0
2
6
1
23
4
LT1112/14 • TPC14
56
4
VS = ±15V
TA = 25°C
2A
2B
1A
1B
3A
3B
Long Term Stability of Three
Representative Units
Common-Mode Range and
Voltage Swing with Respect to
Supply Voltages
Output Voltage Swing
vs Load Current
Warm-Up Drift
SUPPLY VOLTAGE (V)
0
400
500
±20
LT1112/14 • TPC15
300
200
±5
±10
±15
600
TA = 125°C
TA = 25°C
TA = –55°C
Noise Spectrum
FREQUENCY (Hz)
1
1
10
100
1000
10
100
1000
LT1112/14 • TPC10
VS = ±1V TO ±20V
TA = 25°C
CURRENT NOISE
VOLTAGE NOISE
1/fCORNER
2.5Hz
1/fCORNER
140Hz
Minimum Supply Voltage vs Temp
Voltage Gain at Minimum Supply
Voltage
TIME (SEC)
0
8
LT1112/14 • TPC11
2
4
6
10
VS = ±15V
TA = 25°C
TIME AFTER POWER ON (MINUTES)
0
0
1
2
3
0.5
1.0
1.5
2.0
LT1112/14 • TPC13
2.5
VS = ±15V
TA = 25°C
LT1112S8, LT1114N/S PACKAGES
LT1114J PACKAGE
LT1112J8, N8 PACKAGES
OUTPUT CURRENT (mA)
–9
V+ – 1
06
LT1112/14 • TPC18
–6
–3
39
V –
V+
V+ – 2
V+ – 3
V – + 3
V – + 2
V – + 1
SINK
SOURCE
VS = ±1V TO ± 20V
TA = 25°C
MAX IL AT ±1V = 1.3mA
AT ±1.5V = 3mA
TEMPERATURE (°C)
–75
V–
V+
–25
LT1112/14 • TPC17
V+ – 0.2
25
125
V+ – 0.4
V+ – 0.6
V+ – 0.8
V+ – 1.0
V– + 0.8
V– + 0.6
V– + 0.4
V– + 0.2
75
VS = ±1V TO ±20V
IL < 100µA
SWING
CM RANGE
SWING
CM RANGE
TEMPERATURE (°C)
–50
60
80
100
±1.2
±0.9
0
50
75
LT1112/14 • TPC16
40
±1.0
±1.1
–25
25
100
125
TIME (SEC)
0
80
LT1112/14 • TPC12
20
40
60
100
VS = ±15V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com