Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1114AC Datasheet(PDF) 5 Page - Linear Technology

Part # LT1114AC
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114AC Datasheet(HTML) 5 Page - Linear Technology

  LT1114AC Datasheet HTML 1Page - Linear Technology LT1114AC Datasheet HTML 2Page - Linear Technology LT1114AC Datasheet HTML 3Page - Linear Technology LT1114AC Datasheet HTML 4Page - Linear Technology LT1114AC Datasheet HTML 5Page - Linear Technology LT1114AC Datasheet HTML 6Page - Linear Technology LT1114AC Datasheet HTML 7Page - Linear Technology LT1114AC Datasheet HTML 8Page - Linear Technology LT1114AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1112/LT1114
SYMBOL PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1112N8
q
30
110
35
135
µV
LT1112S8, LT1114N/S
q
40
135
45
160
µV
VS = ±1.2V
q
55
200
60
240
µV
∆VOS
Average Input Offset Voltage Drift
LT1112N8
q
0.15
0.50
0.20
0.75
µV/°C
∆Temp
LT1112S8, LT1114N/S
q
0.30
1.10
0.40
1.30
µV/°C
IOS
Input Offset Current
q
70
330
85
400
pA
LT1114S
q
110
600
pA
IB
Input Bias Current
q
±110
±500
±120
±550
pA
LT1114S
q
±150
±800
pA
VCM
Input Voltage Range
q
±13.5 ±14.1
±13.5 ±14.1
V
CMRR
Common-Mode Rejection Ratio
VCM = ±13.5V
q
117
132
112
132
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.2V to ±20V
q
113
125
111
125
dB
AVOL
Large-Signal Voltage Gain
VO = ±12V, RL = 10kΩ
q
700
3300
600
3300
V/mV
VO = ±10V, RL = 2kΩ
q
400
1100
300
900
V/mV
VOUT
Output Voltage Swing
RL = 10kΩ
q
±13.0 ±13.85
±13.0 ±13.85
V
SR
Slew Rate
q
0.13
0.24
0.13
0.24
V/
µs
IS
Supply Current per Amplifier
q
370
450
370
510
µA
∆VOS
Offset Voltage Match
LT1112N8
q
50
180
60
225
µV
(Note 5)
LT1112S8, LT1114N/S
q
60
230
70
270
µV
Offset Voltage Match Drift
LT1112N8
q
0.2
0.7
0.3
1.0
µV/°C
(Notes 5)
LT1112S8, LT1114N/S
q
0.4
1.6
0.5
1.9
µV/°C
∆IB+
Noninverting Bias Current Match
q
140
660
155
770
pA
(Notes 5, 6)
LT1114S
q
190
1300
pA
∆CMRR
Common-Mode Rejection Ratio
(Notes 5, 7)
q
113
133
109
133
dB
∆PSRR
Power Supply Rejection Ratio
(Notes 5, 7)
q
110
127
107
127
dB
ELECTRICAL CHARACTERISTICS V
S = ±15V, – 40°C ≤ TA ≤ 85°C, (Note 10)
LT1112ACN8
LT1114ACN
LT1112N8/S8
LT1114CN/S
The q denotes specifications which apply over the operating temperature
range.
Note 1: Differential input voltages greater than 1V will cause excessive
current to flow through the input protection diodes unless limiting
resistance is used.
Note 2: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifiers; i.e., out of 100 LT1114s (or 100
LT1112s) typically 240 op amps (or 120) will be better than the indicated
specification.
Note 3: This parameter is guaranteed by design and is not tested.
Note 4: Offset voltage, supply current and power supply rejection ratio are
measured at the minimum supply voltage.
Note 5: Matching parameters are the difference between amplifiers A and
D and between B and C on the LT1114; between the two amplifiers on the
LT1112.
Note 6: This parameter is the difference between two noninverting
input bias currents.
Note 7:
∆CMRR and ∆PSRR are defined as follows: (1) CMRR and
PSRR are measured in
µV/V on the individual amplifiers. (2) The
difference is calculated between the matching sides in
µV/V. (3) The
result is converted to dB.
Note 8: This parameter is not 100% tested.
Note 9: These parameters are not tested. More than 99% of the op
amps tested during product characterization have passed the
maximum limits. 100% passed at 1kHz.
Note 10: The LT1112/LT1114 are not tested and are not quality
assurance sampled at – 40
°C and at 85°C. These specifications are
guaranteed by design, correlation and/or inference from – 55
°C, 0°C,
25
°C, 70°C and/or 125°C tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com