Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1189CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1189CS8
Description  Low Power Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1189CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1189CS8 Datasheet HTML 4Page - Linear Technology LT1189CS8 Datasheet HTML 5Page - Linear Technology LT1189CS8 Datasheet HTML 6Page - Linear Technology LT1189CS8 Datasheet HTML 7Page - Linear Technology LT1189CS8 Datasheet HTML 8Page - Linear Technology LT1189CS8 Datasheet HTML 9Page - Linear Technology LT1189CS8 Datasheet HTML 10Page - Linear Technology LT1189CS8 Datasheet HTML 11Page - Linear Technology LT1189CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT1189
8
The primary use of the LT1189 is in converting high speed
differential signals to a single-ended output. The LT1189
video difference amplifier has two uncommitted high input
impedance (+) and (–) inputs. The amplifier has another
set of inputs which can be used for reference and feed-
back. Additionally, this set of inputs give gain adjust, and
DC control to the differential amplifier. The voltage gain of
the LT1189 is set like a conventional operational amplifier.
Feedback is applied to pin 8, and it is optimized for gains
of 10 or greater. The amplifier can be operated single-
ended by connecting either the (+) or (–) inputs to the
+/REF (pin 1). The voltage gain is set by the resistors:
(RFB + RG)/RG.
Like the single-ended case, the differential voltage gain is
set by the external resistors: (RFB + RG)/RG. The maximum
input differential signal for which the output will respond
is approximately
±170mV.
Power Supply Bypassing
The LT1189 is quite tolerant of power supply bypassing.
In some applications a 0.1
µF ceramic disc capacitor
placed 1/2 inch from the amplifier is all that is required. In
applications requiring good settling time, it is important to
use multiple bypass capacitors. A 0.1
µF ceramic disc in
parallel with a 4.7
µF tantalum is recommended.
Calculating the Output Offset Voltage
Both input stages contribute to the output offset voltage at
pin 6. The feedback correction forces balance in the input
stages by introducing an Input VOS at pin 8. The complete
expression for the output offset voltage is:
VOUT=(VOS +IOS(RS)+ IB(RREF)) × (RFB + RG)/RG + IB(RFB)
RS represents the input source resistance, typically 75Ω,
and RREF represents finite source impedance from the
DC reference voltage, for VREF grounded, RREF = 0Ω the
IOS is normally a small contributor and the expression
simplifies to:
VOUT = VOS(RFB + RG)/RG + IB(RFB)
If RFB is limited to 1k, the last term of the equation
contributes only 2mV since IB is less than 2µA.
Figure 1. Simplified Input Stage Schematic
S
APPLICATI
I FOR ATIO
V +
7
6
LT1189
V –
4
1
8
OUT
V
+
3
–
2
IN
V
S/D
5
AV = +
RFB +
RFB
7
6
LT1189
4
1
8
OUT
V
+
3
–
2
IN DIFF
V
S/D
5
RFB
LT1189 • AI01
7
6
LT1189
4
+/REF
1
–/FB
8
OUT
V
+
3
–
2
S/D
5
VO =
RFB +
RFB
7
6
LT1189
4
1
8
OUT
V
+
3
–
2
IN
V
S/D
5
AV = –
RFB +
RFB
IN
V
IN
V
(
( VIN DIFF
RFB
( ( VIN
+/REF
–/FB
+/REF
–/FB
+/REF
–/FB
RG
RG
RG
VO = (V
RFB +
IN DIFF + VIN)
RG
RG
RG
IN DIFF
V
RG
RG
RG
RG
–
RG
RG
RG
V +
V –
V +
V –
V +
V –
LT1189 • AI02
+ 1 REF
RREF
RG
8
RFB
6
350
µA
Q3
Q4
+
3
RS
345
µA
Q1
Q2
–
2
RS
7V+
RE
300
RE
300
4V–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com