Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1189CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1189CS8
Description  Low Power Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1189CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1189CS8 Datasheet HTML 4Page - Linear Technology LT1189CS8 Datasheet HTML 5Page - Linear Technology LT1189CS8 Datasheet HTML 6Page - Linear Technology LT1189CS8 Datasheet HTML 7Page - Linear Technology LT1189CS8 Datasheet HTML 8Page - Linear Technology LT1189CS8 Datasheet HTML 9Page - Linear Technology LT1189CS8 Datasheet HTML 10Page - Linear Technology LT1189CS8 Datasheet HTML 11Page - Linear Technology LT1189CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1189
Instrumentation Amplifier Rejects High Voltage
Instrumentation amplifiers are often used to process
slowly varying outputs from transducers. With the LT1189
it is easy to make an instrumentation amplifier that can
respond to rapidly varying signals. Attenuation resistors
in front of the LT1189 allow very large common-mode
signals to be rejected while maintaining good frequency
response. The input common-mode and differential-mode
signals are reduced by 100:1, while the closed-loop gain
is set to be 100, thereby maintaining unity-gain input to
output. The unique topology allows for frequency re-
sponse boost by adding 150pF to pin 8 as shown.
S
APPLICATI
I FOR ATIO
3.5MHz Instrumentation Amplifier Rejects 120VP-P
LT1189 • AI03
–
+
100*
100*
VCM
120VP-P
VIN
10k*
10k*
100
Ω
150pF
REF
FB
4
7
5V
–5V
LT1189
6
2
1
3
8
* 0.1% RESISTORS
WORST CASE CMRR = 48dB
10k
Output of Instrumentation Amplifier with 1MHz Square Wave
Riding on 120VP-P at the Input
LT1189 • AI04
High Voltage Instrumentation Amplifier Response
Operating with Low Closed-Loop Gain
The LT1189 has been optimized for closed-loop gains of
10 or greater. The amplifier can be operated at much lower
closed-loop gains with the aid of a capacitor CFB across
the feedback resistor, (feedback zero). This capacitor
lowers the closed-loop 3dB bandwidth. The bandwidth
cannot be made arbitrarily low because CFB is a short at
high frequency and the amplifier will appear configured
unity-gain. As an approximate guideline, make BW
× AVCL
= 200MHz. This expression expands to:
A
RC
MHz
VCL
FB
FB
2
200
π
()( )
=
or:
C
A
MHz
R
FB
VCL
FB
= ()( )( )
200
2
π
The effect of the feedback zero on the transient and
frequency response is shown for AV = 4.
FREQUENCY (Hz)
20
LT1189 • AI05
100M
10M
1M
100k
0
–20
–60
–40
COMMON-MODE RESPONSE
DIFFERENTIAL-MODE RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com