Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1189CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1189CS8
Description  Low Power Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1189CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1189CS8 Datasheet HTML 1Page - Linear Technology LT1189CS8 Datasheet HTML 2Page - Linear Technology LT1189CS8 Datasheet HTML 3Page - Linear Technology LT1189CS8 Datasheet HTML 4Page - Linear Technology LT1189CS8 Datasheet HTML 5Page - Linear Technology LT1189CS8 Datasheet HTML 6Page - Linear Technology LT1189CS8 Datasheet HTML 7Page - Linear Technology LT1189CS8 Datasheet HTML 8Page - Linear Technology LT1189CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1189
Low Power
Video Difference Amplifier
Closed-Loop Gain vs Frequency
Cable Sense Amplifier for Loop Through Connections
with DC Adjust
FREQUENCY (MHz)
0
10
20
30
40
0.1
10
100
LT1189 • TA02
1
VS = ±5V
RL = 1k
50
LT1189 • TA01
CABLE
VDC
5V
7
6
LT1189
–5V
4
+
+
3
1
–
–
2
8
909
Ω
VOUT
VIN
100
Ω
DESCRIPTIO
S
FEATURE
The LT1189 is a difference amplifier optimized for opera-
tion on
±5V, or a single 5V supply, and gain ≥10. This
versatile amplifier features uncommitted high input im-
pedance (+) and (–) inputs, and can be used in differential
or single-ended configurations. Additionally, a second set
of inputs give gain adjustment and DC control to the
difference amplifier.
The LT1189’s high slew rate, 220V/
µs, wide bandwidth,
35MHz, and
±20mA output current require only 13mA of
supply current. The shutdown feature reduces the power
dissipation to a mere 15mW, and allows multiple amplifi-
ers to drive the same cable.
The LT1189 is a low power, gain of 10 stable version of the
popular LT1193, and is available in 8-pin miniDIPs and SO
packages. For lower gain applications see the LT1187
data sheet.
s
Differential or Single-Ended Gain Block (Adjustable)
s
–3dB Bandwidth, AV = ±10
35MHz
s
Slew Rate
220V/
µs
s
Low Supply Current
13mA
s
Output Current
±20mA
s
CMRR at 10MHz
48dB
s
LT1193 Pin Out
s
Low Cost
s
Single 5V Operation
s
Drives Cables Directly
s
Output Shutdown
S
APPLICATI
s
Line Receivers
s
Video Signal Processing
s
Cable Drivers
s
Tape and Disc Drive Systems
APPLICATI
TYPICAL


Similar Part No. - LT1189CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1189 LINER-LT1189 Datasheet
316Kb / 12P
Low Power Video Difference Amplifier
logo
Analog Devices
LT1189 AD-LT1189 Datasheet
586Kb / 18P
Low Power Video Difference Amplifier
1187fb
logo
Linear Technology
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
Low Power Video Difference Amplifier
More results

Similar Description - LT1189CS8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
High Speed, Video Difference Amplifier
REV.A
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
Low Power Video Difference Amplifier
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
Video Difference Amplifier?
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
Video Difference Amplifier
LT1187 LINER-LT1187_15 Datasheet
420Kb / 16P
Low Power Video Difference Amplifi er
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
Low Power Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com