Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1172CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LT1172CSW
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1172CSW Datasheet(HTML) 1 Page - Linear Technology

  LT1172CSW Datasheet HTML 1Page - Linear Technology LT1172CSW Datasheet HTML 2Page - Linear Technology LT1172CSW Datasheet HTML 3Page - Linear Technology LT1172CSW Datasheet HTML 4Page - Linear Technology LT1172CSW Datasheet HTML 5Page - Linear Technology LT1172CSW Datasheet HTML 6Page - Linear Technology LT1172CSW Datasheet HTML 7Page - Linear Technology LT1172CSW Datasheet HTML 8Page - Linear Technology LT1172CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1170/LT1171/LT1172
100kHz, 5A, 2.5A and 1.25A
High Efficiency Switching Regulators
s
Wide Input Voltage Range: 3V to 60V
s
Low Quiescent Current: 6mA
s
Internal 5A Switch (2.5A for LT1171,
1.25A for LT1172)
s
Shutdown Mode Draws Only 50
µA Supply Current
s
Very Few External Parts Required
s
Self-Protected Against Overloads
s
Operates in Nearly All Switching Topologies
s
Flyback-Regulated Mode Has Fully Floating Outputs
s
Comes in Standard 5-Pin Packages
s
LT1172 Available in 8-Pin MiniDIP and Surface Mount
Packages
s
Can Be Externally Synchronized
The LT
®1170/LT1171/LT1172 are monolithic high power
switching regulators. They can be operated in all standard
switching configurations including buck, boost, flyback,
forward, inverting and “Cuk.” A high current, high effi-
ciency switch is included on the die along with all oscilla-
tor, control and protection circuitry. Integration of all
functions allows the LT1170/LT1171/LT1172 to be built in
a standard 5-pin TO-3 or TO-220 power package as well as
the 8-pin packages (LT1172). This makes them extremely
easy to use and provides “bust proof” operation similar to
that obtained with 3-pin linear regulators.
The LT1170/LT1171/LT1172 operate with supply volt-
ages from 3V to 60V, and draw only 6mA quiescent
current. They can deliver load power up to 100W with no
external power devices. By utilizing current-mode switch-
ing techniques, they provide excellent AC and DC load and
line regulation.
The LT1170/LT1171/LT1172 have many unique features
not found even on the vastly more difficult to use low
power control chips presently available. They use adaptive
antisat switch drive to allow very wide ranging load cur-
rents with no loss in efficiency. An externally activated
shutdown mode reduces total supply current to 50
µA
typically for standby operation.
Boost Converter (5V to 12V)
Maximum Output Power*
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Logic Supply 5V at 10A
s
5V Logic to
±15V Op Amp Supply
s
Battery Upconverter
s
Power Inverter (+ to –) or (– to +)
s
Fully Floating Multiple Outputs
USER NOTE:
This data sheet is only intended to provide specifications, graphs, and a general functional description
of the LT1170/LT1171/LT1172. Application circuits are included to show the capability of the
LT1170/LT1171/LT1172. A complete design manual (AN19) should be obtained to assist in
developing new designs. This manual contains a comprehensive discussion of both the LT1070 and
the external components used with it, as well as complete formulas for calculating the values of these
components. The manual can also be used for the LT1170/LT1171/LT1172 by factoring in the higher
frequency. A CAD design program called SwitcherCAD
TM is also available.
SwitcherCAD is a trademark of Linear Technology Corporation.
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
1170/1/2 TA01
D1
MBR330
C2
1000
µF
C1
1
µF
R1
10.7k
1%
R2
1.24k
1%
LT1170
GND
VIN
5V
R3
1k
*REQUIRED IF INPUT LEADS
≥ 2"
** COILTRONICS 50-2-52
PULSE ENGINEERING 92114
VSW
FB
VC
OUTPUT
FILTER
L2
10
µH
L1**
50
µH
C3
100
µF
12V
1A
C3*
100
µF
+
+
INPUT VOLTAGE (V)
0
100
80
60
40
20
0
40
LT1170/1/2 TA02
10
20
30
50
* ROUGH GUIDE ONLY. BUCK MODE
POUT = (5A)(VOUT)
SPECIAL TOPOLOGIES DELIVER
MORE POWER.
** DIVIDE VERTICAL POWER SCALE
BY TWO FOR LT1171, BY FOUR
FOR LT1172.
BOOST
BUCK-BOOST
VO = 30V
FLYBACK
BUCK-BOOST
VO = 5V
LT1170


Similar Part No. - LT1172CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1172HV LINER-LT1172HV Datasheet
191Kb / 16P
Available in MiniDiP, TO-220, and TO-3 Packages
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
More results

Similar Description - LT1172CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172_05 Datasheet
158Kb / 17P
100kHz 1.25A Switching Regulators
logo
Linear Technology
LT1070 LINER-LT1070_1 Datasheet
212Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com