Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1172CSW Datasheet(PDF) 14 Page - Linear Technology

Part # LT1172CSW
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1172CSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1172CSW Datasheet HTML 10Page - Linear Technology LT1172CSW Datasheet HTML 11Page - Linear Technology LT1172CSW Datasheet HTML 12Page - Linear Technology LT1172CSW Datasheet HTML 13Page - Linear Technology LT1172CSW Datasheet HTML 14Page - Linear Technology LT1172CSW Datasheet HTML 15Page - Linear Technology LT1172CSW Datasheet HTML 16Page - Linear Technology LT1172CSW Datasheet HTML 17Page - Linear Technology LT1172CSW Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1170/LT1171/LT1172
High Efficiency 5V Buck Converter
Forward Converter
1170/1/2 TA16
C1
2000
µF
C3
R4
R2
1.24k
VIN
20V TO 30V
R3
LT1170
VIN
VSW
FB
VC
1
N
D3
L1
25
µH
C4
R6
330
Ω
R5
1
Ω
C2
M
D2
D1
VOUT
5V, 6A
T1
Q1
D4
R1
3.74k
GND
+
+
VSW
FB
GND
VIN
VC
LT1170
+
C1
330
µF
35V
C6
0.02
µF
C4
0.1
µF
R1
680
Ω
C5
0.03
µF
D1
MBR330p
C3
4.7
µF
TANT
D2
1N4148
L1
50
µH
R2*
0.013
Ω
C2
390
µF
16V
VOUT
5V
3A**
+
×
MODE LOGIC
220pF
<0.3V = NORMAL MODE
>2.5V = SHUTDOWN
OPEN = BURST MODE
* R2 IS MADE FROM PC BOARD
COPPER TRACES.
** MAXIMUM CURRENT IS DETERMINED
BY THE CHOICE OF LT1070 FAMILY.
SEE APPLICATION SECTION.
VIN
1170/1/2 TA17
OPTIONAL
OUTPUT
FILTER
100
µF
16V
10
µH
3A
+
VC
GND
MODE
DIODE
VOUT
VLIM
V+
LT1432
VIN
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com