Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1172CSW Datasheet(PDF) 13 Page - Linear Technology

Part # LT1172CSW
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1172CSW Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1172CSW Datasheet HTML 9Page - Linear Technology LT1172CSW Datasheet HTML 10Page - Linear Technology LT1172CSW Datasheet HTML 11Page - Linear Technology LT1172CSW Datasheet HTML 12Page - Linear Technology LT1172CSW Datasheet HTML 13Page - Linear Technology LT1172CSW Datasheet HTML 14Page - Linear Technology LT1172CSW Datasheet HTML 15Page - Linear Technology LT1172CSW Datasheet HTML 16Page - Linear Technology LT1172CSW Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1170/LT1171/LT1172
Positive Buck Converter
Negative Boost Regulator
Driving High Voltage NPN
C5*
100
µF
VIN
1170/1/2 TA13
R3
470
Ω
5V, 4.5A
D2
1N914
C1
1
µF
VIN
VC
FB
VSW
LT1170
GND
REQUIRED IF INPUT LEADS
≥ 2"
PULSE ENGINEERING 92114
COILTRONICS 50-2-52
*
**
R1
3.74k
L1**
50
µH
R4
10
Ω
C3
2.2
µF
D1
r
R2
1.24k
C2
1
µF
C4
1000
µF
100mA
MINIMUM
D3
OPTIONAL
OUTPUT
FILTER
C5
200
µF
L2
4
µH
+
+
+
+
C4*
470
µF
1170/1/2 TA14
R3
3.3k
C3
10
µF
D1
C2
0.22
µF
VIN
VC
FB
LT1170
GND
VIN
–15V
REQUIRED IF INPUT LEADS
≥ 2"
*
R2
1.24k
D2
R1
27k
VSW
L1
50
µH
C1
1000
µF
RO
(MINIMUM
LOAD)
VOUT
–28V, 1A
+
+
+
1170/1/2 TA15
D2
C1
SETS IB (ON)
SETS IB (OFF)
*
**
R2**
VIN
VSW
LT1170
GND
D1
Q1
R1*
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com