Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1237CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LT1237CSW
Description  5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1237CSW Datasheet(HTML) 1 Page - Linear Technology

  LT1237CSW Datasheet HTML 1Page - Linear Technology LT1237CSW Datasheet HTML 2Page - Linear Technology LT1237CSW Datasheet HTML 3Page - Linear Technology LT1237CSW Datasheet HTML 4Page - Linear Technology LT1237CSW Datasheet HTML 5Page - Linear Technology LT1237CSW Datasheet HTML 6Page - Linear Technology LT1237CSW Datasheet HTML 7Page - Linear Technology LT1237CSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1237
5V RS232 Transceiver with
Advanced Power Management and
One Receiver Active in Shutdown
s
One Receiver Remains Active While in Shutdown
s
ESD Protection over
±15kV
s
Uses Small Capacitors: 0.1
µF, 0.2µF, 1.0µF
s
60
µA Supply Current in Shutdown
s
Pin Compatible with LT1137A
s
120kBaud Operation for RL = 3k, CL = 2500pF
s
250kBaud Operation for RL = 3k, CL = 1000pF
s
Operates to 120kBaud
s
CMOS Comparable Low Power 30mW
s
Operates from a Single 5V Supply
s
Easy PC Layout—Flowthrough Architecture
s
Rugged Bipolar Design
s
Outputs Assume a High Impedance State When Off
or Powered Down
s
Absolutely No Latchup
s
Available in SO and SSOP Packages
The LT
®1237 is an advanced low power three driver, five
receiver RS232 transceiver. Included on the chip is a
shutdown pin for reducing supply current near zero.
During shutdown one receiver remains active to detect
incoming RS232 signals, for example, to wake up a
system.
The LT1237 is fully compliant with all EIA RS232 specifi-
cations. New ESD structures on the chip allow the LT1237
to survive multiple
±15kV strikes, eliminating the need for
costly TransZorbs
® on the RS232 line pins.
The LT1237 operates in excess of 120kbaud even driving
heavy capacitive loads. Two shutdown modes allow the
driver outputs to be shut down separately from the receiv-
ers for more versatile control of the RS232 interface.
During shutdown, drivers and receivers assume a high
impedance state.
s
Notebook Computers
s
Palmtop Computers
, LTC and LT are registered trademarks of Linear Technology Corporation.
TransZorb is a registered trademark of General Instruments, GSI
Output Waveforms
R
1237 TA02
RECEIVER
OUTPUT
CL = 50pF
INPUT
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
LT1237 TA01
5V VCC
1.0
µF
2
× 0.1µF
0.1
µF
TO
LINE
LT1237
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN (LOW-Q)
ON/OFF
28
27
26
25
24
23
22
21
20
19
18
17
16
15
2
× 0.1µF
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT (LOW-Q)
GND
DRIVER
DISABLE
RING DETECT IN
SHUTDOWN
CONTROL OUT
µCONTROLLER OR
µPROCESSOR
TO LOGIC
V–
V+
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1237CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1237 LINER-LT1237 Datasheet
190Kb / 8P
5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
LT1237 LINER-LT1237_15 Datasheet
190Kb / 8P
5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
More results

Similar Description - LT1237CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1330 LINER-LT1330 Datasheet
248Kb / 8P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
LT1331 LINER-LT1331 Datasheet
245Kb / 8P
3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341 Datasheet
244Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_1 Datasheet
120Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1237 LINER-LT1237_15 Datasheet
190Kb / 8P
5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
LT1331 LINER-LT1331_15 Datasheet
229Kb / 8P
3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1384 LINER-LTC1384_15 Datasheet
126Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1330 LINER-LT1330_15 Datasheet
169Kb / 10P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com