Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1237CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LT1237CSW
Description  5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1237CSW Datasheet(HTML) 5 Page - Linear Technology

  LT1237CSW Datasheet HTML 1Page - Linear Technology LT1237CSW Datasheet HTML 2Page - Linear Technology LT1237CSW Datasheet HTML 3Page - Linear Technology LT1237CSW Datasheet HTML 4Page - Linear Technology LT1237CSW Datasheet HTML 5Page - Linear Technology LT1237CSW Datasheet HTML 6Page - Linear Technology LT1237CSW Datasheet HTML 7Page - Linear Technology LT1237CSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1237
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Receiver Short-Circuit Current
Driver Short-Circuit Current
TEMPERATURE (
°C)
–55
20
25
30
25
75
1237 G10
15
10
–25
0
50
100
125
5
0
ISC
+
ISC
–
TEMPERATURE (
°C)
–55
0
20
50
0
50
75
1237 G11
10
40
30
–25
25
100
125
RX1 TO RX4
ISC
+
RX1 TO RX4
ISC
–
RX5 ISC
–
RX5 ISC
+
Receiver Output Waveforms
DRIVER OUTPUT
RL = 3k
DRIVER OUTPUT
RL = 3k
CL = 2500pF
RX5 OUTPUT
CL = 50pF
1237 G12
RX1 TO RX4
OUTPUT
CL = 50pF
INPUT
1237 G13
INPUT
Driver Output Waveforms
PI FU CTIO S
VCC: 5V Input Supply Pin. This pin should be decoupled
with a 0.1
µF ceramic capacitor close to the package pin.
Insufficient supply bypassing can result in low output
drive levels and erratic charge pump operation.
GND: Ground Pin.
ON/OFF: TTL/CMOS Compatible Operating Mode Control.
A logic low puts the device in the low power shutdown
mode. All three drivers and four receivers (RX1, RX2, RX3,
and RX4) assume a high impedance output state in shut-
down. Only receiver RX5 remains active while the trans-
ceiver is in shutdown. The transceiver consumes only
60
µA of supply current while in shutdown. A logic high
fully enables the transceiver.
DRIVER DISABLE: This pin provides an alternate control
for the charge pump and RS232 drivers. A logic high on
this pin shuts down the charge pump and places all driver
outputs in a high impedance state. All five receivers remain
active under these conditions. Floating the driver disable
pin or driving it to a logic low level fully enables the
transceiver. A logic low on the ON/OFF pin supersedes the
state of the DRIVER DISABLE pin. Supply current drops to
3mA when in driver disable mode.
V+: Positive Supply Output (RS232 Drivers). V+
≈ 2VCC –
1.5V. This pin requires an external charge storage capaci-
tor C
≥ 1.0µF, tied to ground or VCC. Larger value capaci-
tors may be used to reduce supply ripple. The ratio of the
capacitors on V+ and V – should be greater than 5 to 1.
V–: Negative Supply Output (RS232 Drivers). V –
≈
–(2VCC – 2.5V). This pin requires an external charge
storage capacitor C
≥ 0.1µF. See the Applications Infor-
mation section for guidance in choosing filter capacitors
for V+ and V –.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com