Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1237CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LT1237CSW
Description  5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1237CSW Datasheet(HTML) 3 Page - Linear Technology

  LT1237CSW Datasheet HTML 1Page - Linear Technology LT1237CSW Datasheet HTML 2Page - Linear Technology LT1237CSW Datasheet HTML 3Page - Linear Technology LT1237CSW Datasheet HTML 4Page - Linear Technology LT1237CSW Datasheet HTML 5Page - Linear Technology LT1237CSW Datasheet HTML 6Page - Linear Technology LT1237CSW Datasheet HTML 7Page - Linear Technology LT1237CSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1237
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Any Driver
Output Voltage Swing
Load = 3k to GND
Positive
q
5.0
7.5
V
Negative
q
– 6.3
– 5.0
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
q
1.4
0.8
V
Input High Level (VOUT = Low)
q
2.0
1.4
V
Logic Input Current
0.8V
≤ VIN ≤ 2V
q
520
µA
Output Short-Circuit Current
VOUT = 0V
±917
mA
Output Leakage Current
Shutdown VOUT = ±30V (Note 4)
q
10
100
µA
Data Rate (Note 7)
RL = 3k, CL = 2500pF
120
kBaud
RL = 3k, CL = 1000pF
250
kBaud
Slew Rate
RL = 3k, CL = 51pF
15
30
V/
µs
RL = 3k, CL = 2500pF
4
7
V/
µs
Propagation Delay
Output Transition tHL High to Low (Note 5)
0.6
1.3
µs
Output Transition tLH Low to High
0.5
1.3
µs
Any Receiver
Input Voltage Thresholds
Input Low Threshold (VOUT = High)
0.8
1.3
V
Input High Threshold (VOUT = Low)
1.7
2.4
V
Hysteresis
q
0.1
0.4
1.0
V
Input Resistance
VIN = ±10V
3
5
7
k
Ω
Output Leakage Current
Shutdown (Note 4) 0
≤ VOUT ≤ VCC
q
110
µA
Receivers 1, 2, 3, 4
Output Voltage
Output Low, IOUT = – 1.6mA
q
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 5V)
q
3.5
4.2
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–10
– 20
mA
Sourcing Current, VOUT = 0V
10
20
mA
Propagation Delay
Output Transition tHL High to Low (Note 6)
250
600
ns
Output Transition tLH Low to High
350
600
ns
Receiver 5 (LOW ISUPPLY RX)
Output Voltage
Output Low, IOUT = – 500µA
q
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 5V)
q
3.5
4.2
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–2
–4
mA
Sourcing Current, VOUT = 0V
2
4
mA
Propagation Delay
Output Transition tHL High to Low (Note 6)
1.0
3
µs
Output Transition tLH Low to High
0.6
3
µs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Testing done at VCC = 5V and VON/OFF = 3V, unless otherwise
specified.
Note 3: Supply current is measured as the average over several charge
pump burst cycles. C+ = 1.0
µF, C– = 0.1µF, C1 = C2 = 0.2µF. All outputs
are open, with all driver inputs tied high.
Note 4: Measurements in shutdown are performed with VON/OFF ≤ 0.1V.
Supply current measurements using driver disable are performed with
VDRIVER DISABLE ≥ 3V.
Note 5: For driver delay measurements, RL = 3k and CL = 51pF. Trigger
points are set between the driver’s input logic threshold and the output
transition to the zero crossing (tHL = 1.4V to 0V and tLH = 1.4V to 0V).
Note 6: For receiver delay measurements, CL = 51pF. Trigger points are
set between the receiver’s input logic threshold and the output transition
to standard TTL/CMOS logic threshold (tHL = 1.3V to 2.4V and tLH = 1.7V
to 0.8V).
Note 7: Data rate operation guaranteed by slew rate, short-circuit current
and propagation delay tests.
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com