Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1251CS Datasheet(PDF) 17 Page - Linear Technology

Part # LT1251CS
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1251CS Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1251CS Datasheet HTML 13Page - Linear Technology LT1251CS Datasheet HTML 14Page - Linear Technology LT1251CS Datasheet HTML 15Page - Linear Technology LT1251CS Datasheet HTML 16Page - Linear Technology LT1251CS Datasheet HTML 17Page - Linear Technology LT1251CS Datasheet HTML 18Page - Linear Technology LT1251CS Datasheet HTML 19Page - Linear Technology LT1251CS Datasheet HTML 20Page - Linear Technology LT1251CS Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LT1251/LT1256
TYPICAL APPLICATIONS
Logarithmic Gain Control (Noninverting)
Logarithmic Gain Control (Inverting)
1k
200
Ω
200
Ω
100pF
100pF
50
Ω
1251/56 TA11
2
8
7
5, 4, 6
5V
10
µF
2.5VDC
INPUT
VOUT
14
13
12
10
5
3
1
VC
RC
RFS
VFS
LT1251/LT1256
–
+
–
+
2
1
1k
10k
1k
1
2
3
1.6k
1.6k
–
+
LT1116
+
1.5k
1251/56 TA12
2
8
VIN
VOUT
C
C
THE TIME CONSTANT IS INVERSELY PROPORTIONAL TO VC.
RDC IS REQUIRED TO DEFINE THE DC OUTPUT WHEN
THE CONTROL IS AT ZERO.
14
13
12
10
5
3
1
VC
VC
RC
RFS
VFS
VFS
LT1256
–
+
–
+
2
1
1.5k
R
R
RDC ≅ 10k
T(s) =
–1
(s)(R)(C)
VFS
VC
()
1MHz Wien Bridge Oscillator
Basic Variable Integrator
600
Ω
200
Ω
2k
6k
1.5k
VIN
1251/56 TA07a
2
8
14
13
12
10
5
3
1
VOUT
2.5VDC
INPUT
VC
CONTROL
VOLTAGE
RC
RFS
VFS
9
7
V+
V–
LT1251/LT1256
–
+
–
+
2
1
6k
6k
1.5k
1.5k
VIN
1251/56 TA08a
2
8
9
14
13
7
12
10
5
3
1
VOUT
2.5VDC
INPUT
VC
CONTROL
VOLTAGE
RC
RFS
VFS
V+
V–
LT1251/LT1256
–
+
–
+
2
1
CONTROL VOLTAGE (V)
0
15
0
–15
1251/56 TA07b
1.25
2.5
VFS = 2.5V
AV = 24dB
– 0.5
()
VC
VFS
<1dB ERROR
CONTROL VOLTAGE (V)
0
15
0
–15
1251/56 TA08b
1.25
2.5
VFS = 2.5V
AV = 24dB
– 0.5
()
VC
VFS
<1dB ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com