Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1251CS Datasheet(PDF) 21 Page - Linear Technology

Part # LT1251CS
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1251CS Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1251CS Datasheet HTML 16Page - Linear Technology LT1251CS Datasheet HTML 17Page - Linear Technology LT1251CS Datasheet HTML 18Page - Linear Technology LT1251CS Datasheet HTML 19Page - Linear Technology LT1251CS Datasheet HTML 20Page - Linear Technology LT1251CS Datasheet HTML 21Page - Linear Technology LT1251CS Datasheet HTML 22Page - Linear Technology LT1251CS Datasheet HTML 23Page - Linear Technology LT1251CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LT1251/LT1256
ACRO ODEL
*full scale amp
IBFS
12
0
–300NA
RIFS
12
0
100MEG
C12
12
0
1PF
R12
12
12A
1600
CBWFS
12A
0
10PF
EFS
12B
0
12A
0
1.0
VOSFS
12B
11
–5MV
C11
11
0
1PF
RFS
11
10
5K
C10
10
0
1PF
*
*generating K
*** the next two lines are for the LT1251
EK K 0 TABLE {I(VOSC)/I(VOSFS)}=
(–100,0)
(0.04,0)
(0.1,0.11)
+
(0.9,0.907) (0.95,1.0)
(100,1.0)
*** the next two lines are for the LT1256
*EK K 0 TABLE {I(VOSC)/I(VOSFS)}= (–100,0)
(0,0)
(0.2,0.21)
*+
(0.9,0.9)
(1.0,1.0)
(100,1.0)
RDUMMY
K
0
1MEG
RNOISE1
EN
0
200K
RNOISE2
EN
0
200K
*generates 40.7nV/rtHz
*
*null circuit
GNULL
7
6A
VALUE={I(VOSFS)}
RN1
6A
7
200
VNULL
6A
6B
0.0V
RN2
6B
6
400
C6
6
7
1PF
*
*output stage
E6
8A
0
+VALUE={1.8MEG*(I(VOS1)*V(K)+I(VOS2)*(1–V(K))–I(VNULL)+0.10UA+0.0007*V(EN))}
RG
8A
8B
1.8MEG
CG
8B
0
3.4PF
E8
8C
0
8B
0
1.0
V8
8C
8D
0.0V
R8
8D
8
11
*
*output swing and current limit
DP
8B
8P
D1
VDP
8P
9
–1.4V
DN
8N
8B
D1
VDN
8N
7
1.4V
.MODEL
D1
D
GCL
8B
0
TABLE {I(V8)}=(–1,–1)(–0.04,0)(0.04,0)(1,1)
*
*supply current
GQ
9
7
VALUE={1MA+24*I(VOSFS)+(V(7)–V(9))/20K}
GCC
9
0
TABLE {I(V8)}=(–1,0)(0,0)(1,1)
GEE
7
0
TABLE {I(V8)}=(–1,–1)(0,0)(1,0)
*
.ENDS LT1251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com