Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1251CS Datasheet(PDF) 18 Page - Linear Technology

Part # LT1251CS
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1251CS Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1251CS Datasheet HTML 14Page - Linear Technology LT1251CS Datasheet HTML 15Page - Linear Technology LT1251CS Datasheet HTML 16Page - Linear Technology LT1251CS Datasheet HTML 17Page - Linear Technology LT1251CS Datasheet HTML 18Page - Linear Technology LT1251CS Datasheet HTML 19Page - Linear Technology LT1251CS Datasheet HTML 20Page - Linear Technology LT1251CS Datasheet HTML 21Page - Linear Technology LT1251CS Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LT1251/LT1256
TYPICAL APPLICATIONS
R9
1.5k
1251/56 TA14a
2
8
VIN
C2
100pF
C5
50pF
C1
0.001
µF
14
13
12
2.5V
10
5
3
1
VC
VC
RC
RFS
VFS
LT1256
–
+
–
+
2
1
R7
150
Ω
R8
910
Ω
R10
1.5k
R4
1k
R11
150
Ω
R2
1k
R1
470
Ω
R5
430
Ω
R6
430
Ω
R3
470
Ω
C3, 100pF
C4
0.002
µF
R12, 10k
–
+
1/2
LT1253
C
'1
0.001
µF
R
'9
1.5k
2
8
C
'2
100pF
C
'5
50pF
14
13
12
2.5V
10
5
3
1
VC
VC
RC
RFS
VFS
LT1256
–
+
–
+
2
1
R
'7
150
Ω
R
'8
910
Ω
R
'10
1.5k
R
'4
1k
R
'11
150
Ω
R
'2
1k
R
'5
430
Ω
R
'6
430
Ω
R
'3
470
Ω
C
'3, 100pF
C
'4
0.002
µF
R
'12, 10k
–
+
1/2
LT1253
C
''1
0.001
µF
R
''9
1.5k
2
8
C
''2
100pF
C
''5
50pF
14
13
12
2.5V
10
5
3
1
VC
VC
RC
RFS
VFS
LT1256
–
+
–
+
2
1
R
''7
150
Ω
R
''8
910
Ω
R
''10
1.5k
R
''4
1k
R
''11
150
Ω
75
Ω
VOUT
1k
10k
R
''2
1k
R
''5
430
Ω
R
''6
430
Ω
R
''3
470
Ω
C
''3, 100pF
C
''4
0.002
µF
R
''12, 10k
1k
–
+
1/2
LT1253
1000pF
–
+
1/2
LT1253
3.58MHz Phase Shifter
CONTROL VOLTAGE, VC (V)
0
0.5
1.0
1.00
0.98
0.96
0.94
420
360
300
240
180
120
60
0
1251/56 TA14b
1.5
2.0
2.5
GAIN
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com