Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1259CS Datasheet(PDF) 8 Page - Linear Technology

Part # LT1259CS
Description  Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1259CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1259CS Datasheet HTML 4Page - Linear Technology LT1259CS Datasheet HTML 5Page - Linear Technology LT1259CS Datasheet HTML 6Page - Linear Technology LT1259CS Datasheet HTML 7Page - Linear Technology LT1259CS Datasheet HTML 8Page - Linear Technology LT1259CS Datasheet HTML 9Page - Linear Technology LT1259CS Datasheet HTML 10Page - Linear Technology LT1259CS Datasheet HTML 11Page - Linear Technology LT1259CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1259/LT1260
Enable/Disable
The LT1259/LT1260 amplifiers have a unique high imped-
ance, zero supply current mode which is controlled by
independent EN pins. When disabled, an amplifier output
The input slew rate of the LT1259/LT1260 is approxi-
mately 270V/
µs and is set by internal currents and capaci-
tances. The output slew rate is set by the value of the
feedback resistors and internal capacitances. At a gain of
10 with at 1k feedback resistor and
±15V supplies, the
output slew rate is typically 1600V/
µs. Larger feedback
resistors will reduce the slew rate as will lower supply
voltages, similar to the way the bandwidth is reduced.
The graph of Maximum Undistorted Output vs Frequency
relates the slew rate limitations to sinusoidal input for
various gains.
looks like a 4.4pF capacitor in parallel with a 75k resistor,
excluding feedback resistor effects. These amplifiers are
designed to operate with open drain logic: the EN pins have
internal pullups and the amplifiers draw zero current when
these pins are high. To activate an amplifier, its EN pin is
pulled to ground (or at least 2V below the positive supply).
The enable pin current is approximately 60
µA when
activated. Input referred switching transients with no
input signal applied are only 35mV positive and 80mV
negative with RL = 100Ω.
Amplifier Enable Time, AV = 10
VS = ±5V
VIN = 0.1V
LT1259/LT1260 • AI04
RF = 1k
RG = 110Ω
RL = 150Ω
The enable/disable times are very fast when driven from
standard 5V logic. The amplifier enables in about 100ns
(50% point to 50% point) while operating on
±5V sup-
plies. Likewise the disable time is approximately 40ns
(50% point to 50% point) or 75ns to 90% of the final
value. The output decay time is set by the output capaci-
tance and load resistor.
Large-Signal Transient Response, AV = 2
VS = ±15V
RF = RG = 1.6k
LT1259/LT1260 • AI01
RL = 400Ω
Large-Signal Transient Response, AV = 10
VS = ±15V
RF = 1k
LT1259/LT1260 • AI02
RG = 110Ω
RL = 400Ω
OUTPUT
EN
VS = ±5V
VIN = 0V
Output Switching Transient
LT1259/LT1260 • AI03
RF = RG = 1.6k
RL = 100Ω
OUTPUT
EN
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com