Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1259CS Datasheet(PDF) 3 Page - Linear Technology

Part # LT1259CS
Description  Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1259CS Datasheet(HTML) 3 Page - Linear Technology

  LT1259CS Datasheet HTML 1Page - Linear Technology LT1259CS Datasheet HTML 2Page - Linear Technology LT1259CS Datasheet HTML 3Page - Linear Technology LT1259CS Datasheet HTML 4Page - Linear Technology LT1259CS Datasheet HTML 5Page - Linear Technology LT1259CS Datasheet HTML 6Page - Linear Technology LT1259CS Datasheet HTML 7Page - Linear Technology LT1259CS Datasheet HTML 8Page - Linear Technology LT1259CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1259/LT1260
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Maximum Output Voltage Swing
VS = ±15V, RL = 1k
q
±12.0
±14.0
V
VS = ±5V, RL = 150Ω, TA = 25°C
±3.0
±3.7
V
q
±2.5
V
CMRR
Common-Mode Rejection Ratio
VS = ±15V, VCM = ±13V, TA = 25°C55
69
dB
VS = ±15V, VCM = ±12V
q
55
dB
VS = ±5V, VCM = ±3V, TA = 25°C52
63
dB
VS = ±5V, VCM = ±2V
q
52
dB
Inverting Input Current
VS = ±15V, VCM = ±13V, TA = 25°C
3.5
10
µA/V
Common-Mode Rejection
VS = ±15V, VCM = ±12V
q
10
µA/V
VS = ±5V, VCM = ±3V, TA = 25°C
4.5
15
µA/V
VS = ±5V, VCM = ±2V
q
15
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±15V, EN Pins at V –, TA = 25°C60
80
dB
VS = ±3V to ±15V, EN Pins at V –
q
60
dB
Noninverting Input Current
VS = ±3V to ±15V, EN Pins at V –, TA = 25°C15
65
nA/V
Power Supply Rejection
VS = ±3V to ±15V, EN Pins at V –
q
75
nA/V
Inverting Input Current
VS = ±2V to ±15V, EN Pins at V –, TA = 25°C
0.1
5
µA/V
Power Supply Rejection
VS = ±3V to ±15V, EN Pins at V –
q
5
µA/V
AV
Large-Signal Voltage Gain
VS = ±15V, VOUT = ±10V, RL = 1k
q
57
72
dB
VS = ±5V, VOUT = ±2V, RL = 150Ω
q
57
69
dB
ROL
Transresistance,
∆VOUT/∆IIN–
VS = ±15V, VOUT = ±10V, RL = 1k
q
120
300
k
Ω
VS = ±5V, VOUT = ±2V, RL = 150Ω
q
100
200
k
Ω
IOUT
Maximum Output Current
RL = 0Ω, TA = 25°C30
60
mA
IS
Supply Current per Amplifier
VS = ±15V, VOUT = 0V, TA = 25°C
5.0
7.5
mA
(Note 5)
q
7.9
mA
VS = ±5V, VOUT = 0V, TA = 25°C
4.5
6.7
mA
Disable Supply Current per Amplifier
VS = ±15V, EN Pin Voltage = 14.5V, RL = 150Ω q
3
16.7
µA
VS = ±15V, Sink 1µA From EN Pin
q
1
2.7
µA
Enable Pin Current
VS = ±15V, EN Pin Voltage = 0V, TA = 25°C
60
200
µA
q
300
µA
SR
Slew Rate (Note 6)
TA = 25°C
900
1600
V/
µs
tON
Turn-On Delay Time (Note 7)
AV = 10, TA = 25°C
100
400
ns
tOFF
Turn-Off Delay Time (Note 7)
AV = 10, TA = 25°C
40
150
ns
tr, tf
Small-Signal Rise and Fall Time
VS = ±12V, RF = RG = 1.5k, RL = 150Ω
4.2
ns
Propagation Delay
VS = ±12V, RF = RG = 1.5k, RL = 150Ω
4.7
ns
Small-Signal Overshoot
VS = ±12V, RF = RG = 1.5k, RL = 150Ω
5%
tS
Settling Time
0.1%, VOUT = 10V, RF = RG = 1.5k, RL = 1k
75
ns
Differential Gain (Note 8)
VS = ±12V, RF = RG = 1.5k, RL = 150Ω
0.016
%
Differential Phase (Note 8)
VS = ±12V, RF = RG = 1.5k, RL = 150Ω
0.075
DEG
0
°C ≤ TA ≤ 70°C, each amplifier VCM = 0V, ±5V ≤ VS ≤ ±15V, EN pins = 0V, pulse tested, unless otherwise noted.
–40
°C ≤ TA ≤ 85°C, each amplifier VCM = 0V, ±5V ≤ VS ≤ ±15V, EN pins = 0V, pulse tested, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
18
mV
IIN+
Noninverting Input Current
q
7
µA
IIN–
Inverting Input Current
q
130
µA
RIN
Input Resistance
VIN = ±3V, VS = ±5V
q
1M
Ω
AV
Large-Signal Gain
q
55
dB
IS
Disable Supply Current per Amplifier
VS = ±15V, EN Pin Voltage = 14.5V, RL = 150Ω q
19
µA
Enable Pin Current
VS = ±15V, EN Pin Voltage = 0V
q
350
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com