Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1259CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1259CS
Description  Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1259CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1259CS Datasheet HTML 4Page - Linear Technology LT1259CS Datasheet HTML 5Page - Linear Technology LT1259CS Datasheet HTML 6Page - Linear Technology LT1259CS Datasheet HTML 7Page - Linear Technology LT1259CS Datasheet HTML 8Page - Linear Technology LT1259CS Datasheet HTML 9Page - Linear Technology LT1259CS Datasheet HTML 10Page - Linear Technology LT1259CS Datasheet HTML 11Page - Linear Technology LT1259CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1259/LT1260
VS = ±5V
VIN = 0.1V
Amplifier Disable Time, AV = 10
RF = 1k
RG = 110Ω
LT1259/LT1260 • AI05
EN
OUTPUT
RL = 150Ω
Amplifier Enable/Disable Time, AV = 2
VS = ±5V
VIN = 2VPP at 2MHz
LT1259/LT1260 • AI06
OUTPUT
RF = RG = 1.6k
RL = 100Ω
Differential Input Signal Swing
The differential input swing is limited to about
±6V by an
ESD protection device connected between the inputs. In
normal operation, the differential voltage between the
input pins is small, so this clamp has no effect. In the
disabled mode however, the differential swing can be the
same as the input swing, and the clamp voltage will set the
maximum allowable input voltage.
VS = ±5V
VIN A = VIN 2 = 2VPP at 2MHz
2-Input Video MUX Switching Response
LT1259/LT1260 • TA03
EN A
EN B
RF = RG = 1.6k
RL = 100Ω
2-Input Video MUX Cable Driver
The application on the first page shows a low cost, 2-
input video MUX cable driver. The scope photo displays
the cable output of a 30MHz square wave driving 150
Ω.
In this circuit the active amplifier is loaded by RF and RG
of the disabled amplifier, but in this case it only causes a
1.2% gain error. The gain error can be eliminated by
configuring each amplifier as a unity-gain follower. The
switching time between channels is 100ns when both
EN A and EN B are driven.
2-Input RGB MUX Cable Driver Demonstration Board
A complete 2-input RGB MUX has been fabricated on PC
Demo Board #039A. The board incorporates two LT1260s
with outputs summed through 75
Ω back termination
resistors as shown in the schematic. There are several
things to note about Demo Board #039A:
1. The feedback resistors of the disabled LT1260 load
the enabled amplifier and cause a small (1% to 2%)
gain error depending on the values of RF and RG.
Configure the amplifiers as unity-gain followers to
eliminate this error.
2. The feedback node has minimum trace length connect-
ing RF and RG to minimize stray capacitance.
3. Ground plane is pulled away from RF and RG on both
sides of the board to minimize stray capacitance.
EN
APPLICATIO S I FOR ATIO
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com