Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1301C Datasheet(PDF) 5 Page - Linear Technology

Part # LT1301C
Description  Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1301C Datasheet(HTML) 5 Page - Linear Technology

  LT1301C Datasheet HTML 1Page - Linear Technology LT1301C Datasheet HTML 2Page - Linear Technology LT1301C Datasheet HTML 3Page - Linear Technology LT1301C Datasheet HTML 4Page - Linear Technology LT1301C Datasheet HTML 5Page - Linear Technology LT1301C Datasheet HTML 6Page - Linear Technology LT1301C Datasheet HTML 7Page - Linear Technology LT1301C Datasheet HTML 8Page - Linear Technology LT1301C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1301
TEST CIRCUITS
Oscillator Test Circuit
2V
100
µF
VIN
SEL
SENSE
GND
PGND
SHDN
SW
LT1301
IL
100
Ω
5V
LT1301 TC
fOUT
OPERATION
Operation of the LT1301 is best understood by referring to
the Block Diagram in Figure 2. When A1’s negative input,
related to the Sense pin voltage by the appropriate resis-
tor-divider ratio is higher that the 1.25V reference voltage,
A1’s output is low. A2, A3 and the oscillator are turned off,
drawing no current. Only the reference and A1 consume
current, typically 120
µA. When A1’s negative input drops
below 1.25V, overcoming A1’s 6mV hysteresis, A1’s out-
put goes high enabling the oscillator, current comparator
A2, and driver A3. Quiescent current increases to 2mA as
the device prepares for high current switching. Q1 then
turns on in controlled saturation for (nominally) 5.3
µs or
until comparator A2 trips, whichever comes first. After a
fixed off-time of (nominally) 1.2
µs, Q1 turns on again. The
LT1301’s switching causes current to alternately build up
in L1 and dump into output capacitor C2 via D1, increasing
the output voltage. When the output is high enough to
cause A1’s output to go to low, switching action ceases.
C2 is left to supply current to the load until VOUT decreases
enough to force A1’s output high, and the entire cycle
repeats. Figure 4 details relevant waveforms. A1’s cycling
causes low-to-mid-frequency ripple voltage on the output.
Ripple can be reduced by making the output capacitor
large. The 33
µF unit specified results in ripple of 100mV to
200mV on the 12V output. A 100
µF capacitor will decrease
ripple to 50mV. If operating at 5V ouput a 0.1
µF ceramic
capacitor is required at the Sense pin in addition to the
electrolytic.
If switch current reaches 1A, causing A2 to trip, switch on-
time is reduced and off-time increases slightly. This allows
continuous mode operation during bursts. A2 monitors
the voltage across 3
Ω resistor R1 which is directly related
to the switch current. Q2’s collector current is set by the
emitter-area ratio to 0.6% of Q1’s collector current. When
R1’s voltage drop exceeds 18mV, corresponding to 1A
switch current, A2’s output goes high, truncating the on-
time portion of the oscillator cycle and increasing off-time
to about 2
µs as shown in Figure 3, trace A. This pro-
grammed peak current can be reduced by tying the ILIM pin
to ground, causing 15
µA to flow through R2 into Q3’s
collector. Q3’s current causes a 10.4mV drop in R2 so that
only an additional 7.6mV is required across R1 to turn off
the switch. This corresponds to a 400mA switch current
as shown in Figure 3, trace B. The reduced peak switch
current reduces I2R loses in Q1, L1, C1 and D1. Efficiency
can be increased by doing this provided that the accom-
panying reduction in full load current is acceptable. Lower
peak currents also extend alkaline battery life due to the
alkaline cell’s high internal impedance.
Figure 3. Switch Pin Current With ILIM Floating or Grounded
TRACE A
500mA/DIV
ILIM PIN
OPEN
TRACE B
500mA/DIV
ILIM PIN
GROUNDED
20
µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com