Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1301C Datasheet(PDF) 6 Page - Linear Technology

Part # LT1301C
Description  Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1301C Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1301C Datasheet HTML 2Page - Linear Technology LT1301C Datasheet HTML 3Page - Linear Technology LT1301C Datasheet HTML 4Page - Linear Technology LT1301C Datasheet HTML 5Page - Linear Technology LT1301C Datasheet HTML 6Page - Linear Technology LT1301C Datasheet HTML 7Page - Linear Technology LT1301C Datasheet HTML 8Page - Linear Technology LT1301C Datasheet HTML 9Page - Linear Technology LT1301C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1301
APPLICATIONS INFORMATION
IIN
500mA/DIV
VOUT
5V/DIV
VSHDN
10V/DIV
200
µs/DIV
VIN = 5V, VOUT = 12V
LT1300 F5
VOUT
100mV/DIV
AC COUPLED
VSW
10V/DIV
IL
500mA/DIV
20
µs/DIV
VIN = 5V, VOUT = 12V, L = 33µH
COUT = 33µF, ILOAD = 90mA
LT1300 F4
Figure 4. Burst Mode Operation in Action
Figure 5. Start-Up Response
Output Voltage Selection
The LT1301 can be selected to 5V or 12V under logic
control or fixed at either by tying Select to ground or VIN
respectively. It is permissible to tie Select to a voltage
higher than VIN as long as it does not exceed 10V.
Efficiency in 5V mode will be slightly less that in 12V mode
due to the fact that the diode drop is a greater percentage
of 5V than 12V. Since the bipolar switch in the LT1301 gets
its base drive from VIN, no reduction in switch efficiency
occurs when in 5V mode. When VIN exceeds the pro-
grammed output voltage the output will follow the input.
This is characteristic of the simple step-up or “boost”
converter topology. A circuit example that provides a
regulated output with an input voltage above or below the
output (known as a buck-boost or SEPIC) is shown in the
Typical Applications section.
Shutdown
The converter can be turned off by pulling SHDN (pin 3)
high. Quiescent current drops to 10
µA in this condition.
Bias current of 8
µA to 10µA flows into the pin (at 5V input).
It is recommended that SHDN not be left floating. Tie the
pin to ground if the feature is not used. SHDN can be driven
high even if VIN is floating.
ILIM Function
The LT1301’s current limit (ILIM) pin can be used for soft
start. Upon start-up, the LT1301 will draw maximum
current from the supply (about 1A) from the supply to
charge the output capacitor. Figure 5 shows VOUT and IIN
waveforms as the device is turned on. The high current
flow can create IR drops along supply and ground lines
or cause the input supply to drop out momentarily. By
adding R1 and C3 as shown in Figure 6, the switch
current in the LT1301 is initially limited to 400mA until
the 15
µA flowing out of the ILIM pin charges up C3. Input
current is held to under 500mA while the output voltage
ramps up to 12V as shown in Figure 7. R1 provides a
discharge path for the capacitor without appreciably de-
creasing peak switch current. When using the ILIM pin soft-
start mode a minimum load of a few hundred microam-
peres is recommended to prevent C3 from discharging, as
no current flows out of ILIM when the LT1301 is not
IIN
500mA/DIV
200
µs/DIV
VOUT
5VDIV
VSHDN
10V/DIV
LT1300 F5
VIN = 5V, VOUT = 12V
Figure 7. Startup Response Soft-Start Circuitry Added
Figure 6.
C2
33µF
C3
0.1µF
R1
1M
L1
33µH
D1
1N5817
47µF
SW
ILIM
PGND
GND
SENSE
LT1301
SELECT
LT1301 F6
SHDN
SHUTDOWN
12V
VIN
VIN
3.3V OR 5V
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com