Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1301C Datasheet(PDF) 7 Page - Linear Technology

Part # LT1301C
Description  Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1301C Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1301C Datasheet HTML 3Page - Linear Technology LT1301C Datasheet HTML 4Page - Linear Technology LT1301C Datasheet HTML 5Page - Linear Technology LT1301C Datasheet HTML 6Page - Linear Technology LT1301C Datasheet HTML 7Page - Linear Technology LT1301C Datasheet HTML 8Page - Linear Technology LT1301C Datasheet HTML 9Page - Linear Technology LT1301C Datasheet HTML 10Page - Linear Technology LT1301C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1301
EFFICIENCY (%)
COMPONENT
PART NUMBER
VENDOR
L (
µH) DCR (Ω)VIN(V)
ILIM PIN
30mA
60mA
120mA
HEIGHT (mm)
PHONE NUMBER
DO3316-333
Coilcraft
33
0.088
3.3
Open
84
84
85
5.5
(708) 639–6400
5
Open
89
89
90
DO1608-223
Coilcraft
22
.31
3.3
Open
82
82
—
3.5
3.3
Ground
85
—
—
5
10k
86
87
—
5
Ground
88
—
—
DO1608-103
Coilcraft
10
.11
2
Open
78
—
—
3.5
CTX20-1
Coiltronics
20
.175
3.3
Open
84
84
—
4.2
(407) 241-7876
5
Open
88
88
89
GA10-332
Gowanda
33
.077
3.3
Open
86
86
87
Through-Hole
(716) 532-2234
5
Open
89
89
90
LQH3G220K04M00
Murata-Erie
22
0.7
3.3
Ground
81
—
—
2.0
(404) 436-1300
5
Ground
85
—
—
CD73-330KC
Sumida
33
0.131
3.3
Open
84
85
86
3.5
(708) 956-0666
5
Open
88
88
89
CDRH62-330MC
Sumida
33
0.48
3.3
Open
80
80
81
3.0
Ground
85
—
—
5
Open
84
84
85
Ground
83
—
—
APPLICATIONS INFORMATION
Table 1. Recommended Inductors
VENDOR
SERIES
TYPE
PHONE#
AVX
TPS
Surface Mount
(803)448–9411
Sanyo
OS-CON
Through-Hole
(619) 661–6835
Panasonic
HFQ
Through-Hole
(201) 348-5200
Table 2. Recommended Capacitors
switching. Zero load current causes the LT1301 to switch
so infrequently that C3 can completely discharge reducing
subsequent peak switch current to 400mA. If a load is
suddenly applied, output voltage will sag until C3 can be
recharged and peak switch current returns to 1A.
If the full capacity of the LT1301 is not required peak
current can be reduced by changing the value of R3 as
shown in Figure 8. With R3 = 0 switch current is limited to
approximately 400mA. Smaller, less expensive inductors
with lower saturation ratings can then be used.
Inductor Selection
For full output power, the inductor should have a satura-
tion current rating of 1.25A for worst-case current limit,
although it is acceptable to bias an inductor 20% or more
into saturation. Smaller inductors can be used in conjunc-
tion with the ILIM pin. Efficiency is significantly affected by
inductor DCR. For best efficiency limit the DCR to 0.03
Ω
or less. Toroidal types are preferred in some cases due to
their inherent flux containment and EMI/RFI superiority.
Recommended inductors are listed in Table 1.
Figure 8. Peak Switch Current vs. Current Limit Set Resistor
CURRENT LIMIT SET RESISTOR (
Ω)
500
700
800
1000
1100
100
10k
100k
1M
LT1301 F8
300
1k
900
600
400
1.6V
≤ VIN ≤ 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com