Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1305CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1305CS8
Description  Micropower High Power DC/DC Converter with Low-Battery Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1305CS8 Datasheet(HTML) 8 Page - Linear Technology

  LT1305CS8 Datasheet HTML 1Page - Linear Technology LT1305CS8 Datasheet HTML 2Page - Linear Technology LT1305CS8 Datasheet HTML 3Page - Linear Technology LT1305CS8 Datasheet HTML 4Page - Linear Technology LT1305CS8 Datasheet HTML 5Page - Linear Technology LT1305CS8 Datasheet HTML 6Page - Linear Technology LT1305CS8 Datasheet HTML 7Page - Linear Technology LT1305CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1305
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1995
LT/GP 0595 10K • PRINTED IN USA
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1129
Micropower Low Dropout Regulator
700mA Output Current in SO-8 Package
LT1182/83/84
LCD and CCFL Backlight Controller
High Efficiency and Excellent Backlight Control Range
LT1301
5V to 12V/200mA Step-Up DC/DC Converter
120
µA Quiescent Current
LT1302
2-Cell to 5V/600mA Step-Up DC/DC Converter
200
µA Quiescent Current
LT1303
Micropower DC/DC Converter with Low-Battery Detect
2V to 5V at 200mA
LT1372
500kHz Step-Up PWM, 1.5A Switch
Low Noise, Fixed Frequency Operation
LTC
®1472
PCMCIA Host Switch with Protection
Includes Current Limit and Thermal Shutdown
S8 Package
8-Lead Plastic SOIC
1
2
3
4
0.150 – 0.157*
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0294
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com