Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1305CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1305CS8
Description  Micropower High Power DC/DC Converter with Low-Battery Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1305CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1305CS8 Datasheet HTML 1Page - Linear Technology LT1305CS8 Datasheet HTML 2Page - Linear Technology LT1305CS8 Datasheet HTML 3Page - Linear Technology LT1305CS8 Datasheet HTML 4Page - Linear Technology LT1305CS8 Datasheet HTML 5Page - Linear Technology LT1305CS8 Datasheet HTML 6Page - Linear Technology LT1305CS8 Datasheet HTML 7Page - Linear Technology LT1305CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1305
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
1.200
1.210
1.215
1.220
1.225
1.230
1.235
–25
0
25
50
LT1305 • G10
75
1.240
1.245
1.250
1.205
100
Low-Battery Detect Trip Point
TEMPERATURE (
°C)
–50
0
50
100
150
200
300
–25
025
50
LT1305 • G13
75
100
250
ISW = 1A
Switch Saturation Voltage
SWITCH CURRENT (A)
0
300
400
1.6
LT1305 • F12
200
100
250
350
150
50
0
0.4
0.8
1.2
2.0
1.4
0.2
0.6
1.0
1.8
TA = 25°C
Switch Saturation Voltage
GND (Pin 1): Signal Ground. Tie to PGND under the
package.
LBO (Pin 2): Open-Collector Output of Comparator C3.
Can sink 100
µA. High impedance when device is in shut-
down.
SHDN (Pin 3): Shutdown. Pull high to shut down the
LT1305. Ground for normal operation.
FB (Pin 4): Feedback Input. Connects to main comparator
C1 input.
LBI (Pin 5): Low-Battery Comparator Input. When voltage
on this pin is below 1.24V, LBO is low.
VIN (Pin 6): Supply Pin. Must be bypassed with a large
value capacitor to gound. Keep bypass within 0.2" of the
device.
SW (Pin 7): Switch Pin. Connect inductor and diode here.
Keep layout short and direct to minimize radio frequency
interference.
PGND (Pin 8): Power Ground. Tie to signal ground (pin 1)
under the package. Bypass capacitor from VIN should be
tied directly to PGND within 0.2" of the device.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com