Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1305CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1305CS8
Description  Micropower High Power DC/DC Converter with Low-Battery Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1305CS8 Datasheet(HTML) 7 Page - Linear Technology

  LT1305CS8 Datasheet HTML 1Page - Linear Technology LT1305CS8 Datasheet HTML 2Page - Linear Technology LT1305CS8 Datasheet HTML 3Page - Linear Technology LT1305CS8 Datasheet HTML 4Page - Linear Technology LT1305CS8 Datasheet HTML 5Page - Linear Technology LT1305CS8 Datasheet HTML 6Page - Linear Technology LT1305CS8 Datasheet HTML 7Page - Linear Technology LT1305CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT1305
TYPICAL APPLICATIONS N
4-Cell-to-5V Converter
Setting Output Voltage
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
VIN
LT1305
GND
PGND
FB
SHDN
SW
SHUTDOWN
51k
0.1
µF
CERAMIC
ADD C1 FOR OPEN-PANEL PROTECTION
DALE LPE5047-A132 1:15 TURNS RATIO
10
µH PRIMARY INDUCTANCE (605) 666-9301
R1 ADJUSTS VOUT 83VRMS TO 115VRMS
AVX TPS OR SANYO OS-CON MUST HAVE ESR
≤0.15Ω
VIN
1.5V TO 8V
1N4148
1N5818
+
1k
1/2W
3.3M
ZETEX
FZT658
3.3M
47
µF††
3.3M
10
Ω
T1**
1:15
1, 2
4, 5
6
10
•
•
R1
†
25k
100Hz TO 1000Hz
SQUARE WAVE
DRIVE
*
**
†
††
10k
EL PANEL
CPANEL ≤ 100nF
4.7
µF
160V
C1*
50pF
MUR160
LT1305 • TA04
EL Panel Driver
VIN
LBI
LBO
100k
100
µF
220
µF
LT1305
GND
PGND
FB
SW
LT1305 • TA06
10
µH*
309k
100k
+
5V
400mA
1.8V TO 4.5V
INPUT
VREF
OUTPUT
1.24V
+
2.2
µF
*COILCRAFT DO3316-103
+
MBRS130LT3
33k
2N3906
5V Step-Up Converter with Reference Output
VIN
R2
100
µF
1N5817
LT1305 • TA03
L1
R1
+
220
µF
VOUT
+
VOUT = 1.24V 1 +
()R2
R1
VIN
LT1305
GND
PGND
FB
SW
VIN
3.5V to 6.5V
SHDN
100k
4 CELLS
100
µF
150
µF**
22
µH*
100
µF**
SHUTDOWN
LT1305
GND
PGND
FB
SW
LT1305 • TA05
L1*
22
µH
309k
+
COILCRAFT DO3316-223 OR
SUMIDA CD105-220
SANYO OS-CON
*
**
5V
400mA
+
MBRS130LT3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com