Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1332 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1332
Description  Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1332 Datasheet(HTML) 8 Page - Linear Technology

  LT1332 Datasheet HTML 1Page - Linear Technology LT1332 Datasheet HTML 2Page - Linear Technology LT1332 Datasheet HTML 3Page - Linear Technology LT1332 Datasheet HTML 4Page - Linear Technology LT1332 Datasheet HTML 5Page - Linear Technology LT1332 Datasheet HTML 6Page - Linear Technology LT1332 Datasheet HTML 7Page - Linear Technology LT1332 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1332
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1993
LT/GP 1193 10K REV 0 • PRINTED IN USA
NOTE 1
0.598 – 0.614
(15.190 – 15.600)
(NOTE 2)
22
21
20 19
18
17
16
15
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
13
14
11
12
23
24
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
0° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299
(7.391 – 7.595)
(NOTE 2)
× 45°
0.010 – 0.029
(0.254 – 0.737)
0.005
(0.127)
RAD MIN
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS.
2. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
ably simpler. Decouple V + and V – with 0.1
µF ceramic
capacitors.
Shutdown Control
The LT1332 has an ON/OFF pin that controls the device’s
mode of operation. With the ON/OFF pin high and the
device operated unloaded, the LT1332 draws 1mA of
supply current. With the ON/OFF pin low, the device
APPLICATIO S I FOR ATIO
enters micropower shutdown mode in which the current
drawn from VCC drops to typically 40µA. If the power
applied to V + and V – remains on in shutdown, there will
be approximately 100
µA of leakage from each supply. If
these supplies drop to zero, leakage current also drops
to zero. In shutdown mode one receiver remains active
which may be useful for detecting start-up signals for the
transceiver.
S Package
24-Lead Plastic SOL
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
0.301 – 0.311
(7.65 – 7.90)
12 3 4 5 6 7 8 9 10 11 12
14
13
0.397 – 0.407*
(10.07 – 10.33)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
0.045
(1.14)
0.045
(1.14)
0.068 – 0.078
(1.73 – 1.99)
0.002 – 0.008
(0.05 – 0.21)
0.0256
(0.65)
BSC
0.010 – 0.015
(0.25 – 0.38)
0.005 – 0.009
(0.13 – 0.22)
0° – 8°
0.022 – 0.037
(0.55 – 0.95)
0.205 – 0.212*
(5.20 – 5.38)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
G Package
28-Lead Plastic SSOP
0.505 – 0.560
(12.827 – 14.224)
1.455
(36.957)
MAX
12
3
4
5
6
7
8
9
10
27
19
20
21
22
24
23
25
26
28
11
12
13
14
15
16
17
18
0.009 – 0.015
(0.229 – 0.381)
0.625
+0.025
–0.015
+0.635
–0.381
15.87
()
0.600 – 0.625
(15.240 – 15.875)
0.070
(1.778)
TYP
0.015
(0.381)
MIN
0.125
(3.175)
MIN
0.130 ± 0.005
(3.302 ± 0.127)
0.018 ± 0.003
(0.457 ± 0.076)
0.035 – 0.080
(0.889 – 2.032)
0.100 ± 0.010
(2.540 ± 0.254)
0.045 – 0.065
(1.143 – 1.651)
N Package
28-Lead Plastic DIP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com