Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1332 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1332
Description  Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1332 Datasheet(HTML) 3 Page - Linear Technology

  LT1332 Datasheet HTML 1Page - Linear Technology LT1332 Datasheet HTML 2Page - Linear Technology LT1332 Datasheet HTML 3Page - Linear Technology LT1332 Datasheet HTML 4Page - Linear Technology LT1332 Datasheet HTML 5Page - Linear Technology LT1332 Datasheet HTML 6Page - Linear Technology LT1332 Datasheet HTML 7Page - Linear Technology LT1332 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1332
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute maximum ratings are those values beyond which the life
of the device may be impaired.
Note 2: Testing is done at VCC = 3V, V
+ = 8V, V– = –8V, and
VON/OFF = 3V.
Note 3: Supply current is measured with all driver inputs tied high.
Note 4: Supply current measurements in SHUTDOWN are performed with
VON/OFF = 0.1V, V
+ = 0V, V– = 0V.
ELECTRICAL C
C
HARA TERISTICS (Note 2)
Note 5: For driver delay measurements, RL = 3k and CL = 51pF. Trigger
points are set between the driver’s input logic threshold and the output
transition to the zero crossing (tPHL = 1.4V to 0V and tPLH = 1.4V to 0V).
Note 6: Receiver RXA (Pins 10 and 15, S Package) remains functioning in
SHUTDOWN.
Note 7: For receiver delay measurements, CL = 51pF. Trigger points are
set between the receiver’s input logic threshold and the output transition
to standard TTL/CMOS logic threshold (tLH = 1.3V to 2.4V and tHL = 1.7V
to 0.8V).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
ON/OFF Pin Thresholds
Input Low Level (Device Shut Down)
q
0.7
0.3
V
Input High Level (Device Enabled)
q
1.3
0.6
V
ON/OFF Pin Current
0V
≤ VON/OFF ≤ 5V
q
–15
80
µA
Drivers
Output Voltage Swing
RL = 3k to GND
Positive
q
5.0
6.6
V
Negative
q
– 7.0
– 5.0
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
q
1.4
0.8
V
Input High Level (VOUT = Low)
q
2.0
1.4
V
Logic Input Current
0.8V
≤ VIN ≤ 2.0V
q
520
µA
Output Short-Circuit Current
VOUT = 0V
±17
mA
Output Leakage Current
SHUTDOWN VOUT = ±30V, VON/OFF = 0.1V
q
10
100
µA
Driver Output ESD Rating
Human Body Model Discharge
±10
kV
Slew Rate
RL = 3k, CL = 51pF
15
30
V/
µs
RL = 3k, CL = 2500pF
4
6
V/
µs
Propagation Delay
Output Transition tPHL High to Low (Note 5)
0.6
1.3
µs
Output Transition tPLH Low to High
0.5
1.3
µs
Receivers
Input Voltage Thresholds
Input Low Threshold (VOUT = High)
0.8
1.3
V
Input High Threshold (VOUT = Low)
1.7
2.4
V
Hysteresis
q
0.1
0.4
1.0
V
Input Resistance
357
k
Ω
Receiver Input ESD Rating
Human Body Model Discharge
±10
kV
Output Voltage
Output Low, IOUT = – 500µA
q
0.2
0.4
V
Output High, IOUT = 100µA (VCC = 3V)
q
2.7
2.9
V
Output Leakage Current
SHUTDOWN (Note 6) 0
≤ VOUT ≤ VCC
q
110
µA
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–4
–2
mA
Sourcing Current, VOUT = 0V
2
4
mA
Propagation Delay
Output Transition tHL High to Low (Note 7)
1
3
µs
Output Transition tLH Low to High
0.6
3
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com