Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1332 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1332
Description  Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1332 Datasheet(HTML) 7 Page - Linear Technology

  LT1332 Datasheet HTML 1Page - Linear Technology LT1332 Datasheet HTML 2Page - Linear Technology LT1332 Datasheet HTML 3Page - Linear Technology LT1332 Datasheet HTML 4Page - Linear Technology LT1332 Datasheet HTML 5Page - Linear Technology LT1332 Datasheet HTML 6Page - Linear Technology LT1332 Datasheet HTML 7Page - Linear Technology LT1332 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT1332
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
APPLICATIO S I FOR ATIO
Operation with a Switching Regulator
The LT1332 is designed to be powered from an external
switching regulator which may be used elsewhere for
power conditioning. In a typical application, the LT1332
shares the regulator’s positive output, while charge is
capacitively pumped from the regulator’s switch pin to the
negative supply. Schottky rectifiers built into the LT1332
simplify the charge pump design. When used with a
micropower switcher like the LT1109A, the Burst Mode
TM
operation of the charge pump resembles the switching
characteristics of the LT1237 and similar devices.
The V – supply is not directly regulated. The circuit relies
on cross regulation and the regulator’s minimum duty
cycle to control V –. Select the C – and V – storage capaci-
tors so that when the regulator operates at minimum duty
cycle, sufficient charge will transfer to the V – storage cap
to maintain a voltage of at least – 6.5V.
While only 0.1
µFceramicdecouplingcapacitorsareneeded
on the positive supply inputs, low ESR tantalum capaci-
Figure 1. Multiple LT1332s Powered from a Single LT1172 DC/DC Converter
tors should be used in the charge pump to reduce voltage
losses. The C – capacitor should be at least 1
µF and the V –
capacitor should be 5 to 10 times bigger. As a rule of
thumb, make the V – capacitor at least 1/DCMIN times
bigger than the C – capacitor where DCMIN is the regulator’s
minimum duty cycle. Using large values for the V – capaci-
tor reduces ripple on the V – supply.
Multiple Transceivers
The circuit in Figure 1 demonstrates how the LT1332 may
be used with different types of switching regulators. Four
LT1332s are powered from a single PWM DC/DC con-
verter using an LT1172. Even with all twelve drivers
heavily loaded (RL = 3k, CL = 2500pF), the circuit generates
fully compliant RS232 signals at 120k baud.
Operations with External Supplies
When external RS232 supplies are available (6.5V
≤ V+
≤ 13.2V, –13.2V ≤ V– ≤ –6.2V) the LT1332 can be used
as a stand-alone unit. Capacitor selection is consider-
ON/OFF
GND
V–
LT1332
C–
V+
3V VCC GND
0.1
µF10µF
ON/OFF
GND
V–
LT1332
C–
V+
3V VCC GND
0.1
µF10µF
0.1
µF
3V VCC
INPUT
ON/OFF
+
1
µF
+
1
µF
22
µF
8V
1N5817
L1*
100
µH
135k**
FB
VSW
LT1172
VN2222LL
VIN
GND
VC
25k**
68
µF
VIN
0.1
µF
1k
OPTIONAL
SHUTDOWN
2.7V < VIN < 5.5V
I(VIN) < 14mA (UNLOADED)
L1 = SUMIDA CD105-101K OR COILCRAFT DO3316-104
1% METAL FILM
*
**
LT1332 • F01
0.1
µF10µF
ON/OFF
GND
V–
LT1332
C–
V+
3V VCC GND
0.1
µF10µF
ON/OFF
GND
V–
LT1332
C–
V+
3V VCC GND
0.1
µF
+
1
µF
+
1
µF
0.1
µF
0.1
µF
+
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com