Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1336 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1336
Description  Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1336 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1336 Datasheet HTML 8Page - Linear Technology LT1336 Datasheet HTML 9Page - Linear Technology LT1336 Datasheet HTML 10Page - Linear Technology LT1336 Datasheet HTML 11Page - Linear Technology LT1336 Datasheet HTML 12Page - Linear Technology LT1336 Datasheet HTML 13Page - Linear Technology LT1336 Datasheet HTML 14Page - Linear Technology LT1336 Datasheet HTML 15Page - Linear Technology LT1336 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1336
most power supplies cannot sink current, this current can
raise the voltage of the high voltage rail. This can be
avoided by placing a discharge resistor between HV sup-
ply and ground to divert the return current to ground as
shown in Figure 5. For a high voltage rail of 40V, a 26k
resistor or smaller should be used, since the top driver will
return about 1.5mA.
For applications where using a discharge resistor is unde-
sirable, use the flyback regulator topology instead of the
boost regulator topology (see Deriving the Floating Supply
with the Flyback Topology).
To drive a DC motor in both directions, two LT1336s can
be used to drive an H-bridge output stage. In this configu-
ration the motor can be made to run clockwise, counter-
clockwise, stop rapidly (“plugging” braking) or free run
(coast) to a stop. A very rapid stop may be achieved by
reversing the current, though this requires more careful
design to stop the motor dead. In practice a closed-loop
control system with tachometric feedback is usually
necessary.
APPLICATIONS INFORMATION
The motor speed in these examples can be controlled by
switching the drivers with pulse width modulated square
waves. This approach is particularly suitable for micro-
computers/DSP control loops.
Figure 6. 90% Efficiency, 40V to 5V, 10A, Low Dropout Voltage Mode Switching Regulator
V+
V+
SWITCH
BOOST
TGATEDR
TGATEFB
TSOURCE
BGATEDR
BGATEFB
PGND
LT1336
ISENSE
D1
1N4148
D2
1N4148
CBOOST
1
µF
1336 F05
HV = 40V MAX
+
+
RSENSE
2
Ω
1/4W
RDISCHRG
24k
*SUMIDA
RCR-664D-221KC
200
µH*
10
µF
+
–
+
VBOOST
Figure 5. Driving a Supply Referenced Motor
TYPICAL APPLICATIONS
+
+
+
+
+
+
2.2nF
27k
0.1
µF
1k
1k
5k
2k
5V
5400
µF
LOW
ESR
1336 F06
1
µF
10
µF
1
µF
1
µF
0.022
µF
C1
0.1
µF
360
Ω
510
Ω
4.7k
0.33
µF
330k
12V
1N4148
1N4148
IRFZ44
IRFZ44
MBR340
* SUMIDA RCR-664D-221KC
** MAGNETICS CORE #55585-A2 30 TURNS 14GA MAGNET WIRE
† DALE TYPE LVR-3 ULTRONIX RCS01
IRFZ44
40V
2200
µF EA
LOW ESR
RS
†
0.007
Ω
L2**
70
µH
f = 25kHz
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
L1*
200
µH
RSENSE
2
Ω, 1/4W
SWITCH
SWGND
BOOST
TGATEDR
TGATEFB
TSOURCE
PV+
BGATEDR
LT1336
ISENSE
SV+
INTOP
INBOTTOM
UVOUT
SGND
PGND
BGATEFB
SHUTDOWN
+
2N2222
1N4148
0.1
µF
4.7k
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
LT3526
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com