Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1336 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1336
Description  Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1336 Datasheet(HTML) 2 Page - Linear Technology

  LT1336 Datasheet HTML 1Page - Linear Technology LT1336 Datasheet HTML 2Page - Linear Technology LT1336 Datasheet HTML 3Page - Linear Technology LT1336 Datasheet HTML 4Page - Linear Technology LT1336 Datasheet HTML 5Page - Linear Technology LT1336 Datasheet HTML 6Page - Linear Technology LT1336 Datasheet HTML 7Page - Linear Technology LT1336 Datasheet HTML 8Page - Linear Technology LT1336 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1336
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (Pins 2, 10) .................................... 20V
Boost Voltage ......................................................... 75V
Peak Output Currents (< 10
µs) .............................. 1.5A
Input Pin Voltages .......................... – 0.3V to V + + 0.3V
Top Source Voltage ..................................... – 5V to 60V
Boost-to-Source Voltage
(VBOOST – VTSOURCE) ............................ –0.3V to 20V
Switch Voltage (Pin 16) ............................ – 0.3V to 60V
Operating Temperature Range
Commercial ............................................ 0
°C to 70°C
Industrial ........................................... – 40
°C to 85°C
Junction Temperature (Note 1)............................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LT1336CN
LT1336CS
LT1336IN
LT1336IS
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
ISENSE
SV+
INTOP
INBOTTOM
UVOUT
SGND
PGND
BGATEFB
SWITCH
SWGND
BOOST
TGATEDR
TGATEFB
TSOURCE
PV+
BGATEDR
S PACKAGE
16-LEAD PLASTIC SO NARROW
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
DC Supply Current (Note 2)
V + = 15V, VINTOP = 0.8V, VINBOTTOM = 2V
12
15
20
mA
V + = 15V, VINTOP = 2V, VINBOTTOM = 0.8V
12
14
20
mA
V + = 15V, VINTOP = 0.8V, VINBOTTOM = 0.8V
12
15
20
mA
V + = 15V, VTSOURCE = 40V, VINTOP = VINBOTTOM =30
40
mA
0.8V (Note 3)
IBOOST
Boost Current (Note 2)
V + = 15V, VTSOURCE = 60V, VBOOST = 75V,
3
5
7
mA
VINTOP = VINBOTTOM = 0.8V
VIL
Input Logic Low
q
1.4
0.8
V
VIH
Input Logic High
q
2
1.7
V
IIN
Input Current
VINTOP = VINBOTTOM = 4V
q
725
µA
V +UVH
V + Undervoltage Start-Up Threshold
8.4
8.9
9.4
V
V +UVL
V + Undervoltage Shutdown Threshold
7.8
8.3
8.8
V
VBUVH
VBOOST Undervoltage Start-Up Threshold
VTSOURCE = 60V, VBOOST – VTSOURCE
8.8
9.3
9.8
V
VBUVL
VBOOST Undervoltage Shutdown Threshold
VTSOURCE = 60V, VBOOST – VTSOURCE
8.2
8.7
9.2
V
IUVOUT
Undervoltage Output Leakage
V + = 15V
q
0.1
5
µA
VUVOUT
Undervoltage Output Saturation
V + = 7.5V, IUVOUT = 2.5mA
q
0.2
0.4
V
VOH
Top Gate ON Voltage
VINTOP = 2V, VINBOTTOM = 0.8V,
q
11
11.3
12
V
VTGATE DR – VTSOURCE
Bottom Gate ON Voltage
VINTOP = 0.8V, VINBOTTOM = 2V, VBGATE DR
q
11
11.3
12
V
VOL
Top Gate OFF Voltage
VINTOP = 0.8V, VINBOTTOM = 2V,
q
0.4
0.7
V
VTGATE DR – VTSOURCE
Bottom Gate OFF Voltage
VINTOP = 2V, VINBOTTOM = 0.8V, VBGATE DR
q
0.4
0.7
V
TJMAX = 125°C, θJA = 70°C/ W (N)
TJMAX = 125°C, θJA = 110°C/ W (S)
Consult factory for Military grade parts.
Test Circuit, TA = 25°C, V + = VBOOST = 12V, VTSOURCE = 0V and Pins 1, 16
open. Gate Feedback pins connected to Gate Drive pins unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com