Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1336 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1336
Description  Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1336 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1336 Datasheet HTML 2Page - Linear Technology LT1336 Datasheet HTML 3Page - Linear Technology LT1336 Datasheet HTML 4Page - Linear Technology LT1336 Datasheet HTML 5Page - Linear Technology LT1336 Datasheet HTML 6Page - Linear Technology LT1336 Datasheet HTML 7Page - Linear Technology LT1336 Datasheet HTML 8Page - Linear Technology LT1336 Datasheet HTML 9Page - Linear Technology LT1336 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1336
TYPICAL PERFORMANCE CHARACTERISTICS
PIN FUNCTIONS
ISENSE (Pin 1): Boost Regulator ISENSE Comparator Input.
An RSENSE placed between Pin 1 and V + sets the maximum
peak current. Pin 1 can be left open if the boost regulator
is not used.
SV+(Pin 2): Main Signal Supply. Must be closely decoupled
to the signal ground Pin 6.
INTOP (Pin 3): Top Driver Input. Pin 3 is disabled when Pin
4 is high. A 3k input resistor followed by a 5V internal
clamp prevents saturation of the input transistors.
INBOTTOM (Pin 4): Bottom Driver Input. Pin 4 is disabled
when Pin 3 is high. A 3k input resistor followed by a 5V
internal clamp prevents saturation of the input transistors.
UVOUT (Pin 5): Undervoltage Output. Open collector NPN
output which turns on when V + drops below the undervolt-
age threshold.
SGND (Pin 6): Small-Signal Ground. Must be routed
separately from other grounds to the system ground.
PGND (Pin 7): Bottom Driver Power Ground. Connects to
source of bottom N-channel MOSFET.
BGATEFB (Pin 8): Bottom Gate Feedback. Must connect
directly to the bottom power MOSFET gate. The top
MOSFET turn-on is inhibited until Pin 8 has discharged to
below 2.5V.
BGATEDR (Pin 9): Bottom Gate Drive. The high current
drive point for the bottom MOSFET. When a gate resistor
is used it is inserted between Pin 9 and the gate of the
MOSFET.
PV+ (Pin 10): Bottom Driver Supply. Must be connected
to the same supply as Pin 2.
TSOURCE (Pin 11): Top Driver Return. Connects to the top
MOSFET source and the low side of the bootstrap capacitor.
TGATEFB (Pin 12): Top Gate Feedback. Must connect
directly to the top power MOSFET gate. The bottom
MOSFET turn-on is inhibited until VTGATE FB – VTSOURCE
has discharged to below 2.9V.
TGATEDR (Pin 13): Top Gate Drive. The high current drive
point for the top MOSFET. When a gate resistor is used it
is inserted between Pin 13 and the gate of the MOSFET.
BOOST (Pin 14): Top Driver Supply. Connects to the high
side of the bootstrap capacitor.
SWGND (Pin 15): Boost Regulator Ground. Must be routed
separately from the other grounds to the system ground.
Pin 15 can be left open if the boost regulator is not used.
SWITCH (Pin 16): Boost Regulator Switch. Connect this
pin to the inductor/diode of the boost regulator network.
Pin 16 can be left open if the boost regulator is not used.
VBOOST Regulated Output
vs Temperature
ISENSE Voltage Threshold
vs Temperature
TEMPERATURE (
°C)
–50
100
1336 G20
050
0.52
0.50
0.48
0.46
0.44
0.42
0.40
0.38
0.36
–25
25
75
125
HIGH VOLTAGE THRESHOLD
LOW VOLTAGE THRESHOLD
V+ = 12V
VBOOST = 68V
VTSOURCE = 60V
TEMPERATURE (
°C)
–50
100
1336 G19
050
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
–25
25
75
125
VBOOST – VTSOURCE
V+ = 12V
VTSOURCE = 40V
ILOAD = 10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com